Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2654BIUF-L16PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2654BIUF-L16PBF
Description  Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2654BIUF-L16PBF Datasheet(HTML) 5 Page - Linear Technology

  LTC2654BIUF-L16PBF Datasheet HTML 1Page - Linear Technology LTC2654BIUF-L16PBF Datasheet HTML 2Page - Linear Technology LTC2654BIUF-L16PBF Datasheet HTML 3Page - Linear Technology LTC2654BIUF-L16PBF Datasheet HTML 4Page - Linear Technology LTC2654BIUF-L16PBF Datasheet HTML 5Page - Linear Technology LTC2654BIUF-L16PBF Datasheet HTML 6Page - Linear Technology LTC2654BIUF-L16PBF Datasheet HTML 7Page - Linear Technology LTC2654BIUF-L16PBF Datasheet HTML 8Page - Linear Technology LTC2654BIUF-L16PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC2654
5
2654f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, VOUT unloaded unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
DAC Output Span
Internal Reference
External Reference = VEXTREF
0 to 2.5
0 to 2•VEXTREF
V
V
PSR
Power Supply Rejection
VCC ±10%
–80
dB
ROUT
DC Output Impedance
VCC = 5V ±10%, Internal Reference,
Mid-Scale, –15mA ≤ IOUT ≤ 15mA
VCC = 3V ±10%, Internal Reference,
Mid-Scale, –7.5mA ≤ IOUT ≤ 7.5mA
l
l
0.04
0.04
0.15
0.15
Ω
Ω
DC Crosstalk
Due to Full-Scale Output Change (Note 5)
Due to Load Current Change (Note 5)
Due to Powering Down (per Channel) (Note 5)
±1.5
±2
±1
μV
μV/mA
μV
ISC
Short-Circuit Output Current
VCC = 5.5V VEXTREF = 2.8V (Note 6)
Code: Zero-Scale; Forcing Output to VCC (Note 6)
Code: Full-Scale; Forcing Output to GND (Note 6)
l
l
20
20
65
65
mA
mA
VCC = 2.7V VEXTREF = 1.4V
Code: Zero-Scale; Forcing Output to VCC
Code: Full-Scale; Forcing Output to GND
l
l
10
10
45
45
mA
mA
LTC2654B-L16/ LTC2654-L12 (Internal Reference = 1.25V)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference
Reference Output Voltage
1.248
1.25
1.252
V
Reference Temperature Coefficient
(Note 7)
±2
±10
ppm/°C
Reference Line Regulation
VCC ±10%
–80
dB
Reference Short-Circuit Current
VCC = 5.5V, Forcing Output to GND
l
35
mA
Refcomp Pin Short-Circuit Current
VCC = 5.5V, Forcing Output to GND
l
60
200
μA
Reference Load Regulation
VCC = 3V ±10% or 5V ±10%, IOUT = 100μA Sourcing
40
mV/mA
Reference Output Voltage Noise Density
CREFCOMP = CREFIN/OUT = 0.1μF, at f = 1kHz
30
nV/√Hz
Reference Input Range
External Reference Mode (Note 13)
l
0.5
VCC/2
V
Reference Input Current
l
0.001
1
μA
Reference Input Capacitance
(Note 9)
l
20
pF
Power Supply
VCC
Positive Supply Voltage
For Specified Performance
l
2.7
5.5
V
ICC
Supply Current
VCC = 5V, Internal Reference On (Note 8)
VCC = 5V, Internal Reference Off (Note 8)
VCC = 3V, Internal Reference On (Note 8)
VCC = 3V, Internal Reference Off (Note 8)
l
l
l
l
1.7
1.3
1.6
1.2
2.5
2
2.2
1.7
mA
mA
mA
mA
ISD
Supply Current in Shutdown Mode
VCC = 5V (Note 8)
l
3μA
Digital I/O
VIH
Digital Input High Voltage
VCC = 3.6V to 5.5V
VCC = 2.7V to 3.6V
l
l
2.4
2.0
V
V
VIL
Digital Input Low Voltage
VCC = 4.5V to 5.5V
VCC = 2.7V to 4.5V
l
l
0.8
0.6
V
V
VOH
Digital Output High Voltage
Load Current = –100μA
l VCC – 0.4
V
VOL
Digital Output Low Voltage
Load Current = 100μA
l
0.4
V


Similar Part No. - LTC2654BIUF-L16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2654 LINER-LTC2654 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2654 LINER-LTC2654 Datasheet
1Mb / 28P
   Quad 16-Bit/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
LTC2654 LINER-LTC2654_15 Datasheet
353Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
More results

Similar Description - LTC2654BIUF-L16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2655 LINER-LTC2655 Datasheet
363Kb / 28P
   Quad I짼C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2656 LINER-LTC2656 Datasheet
292Kb / 24P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_1 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2654 LINER-LTC2654_15 Datasheet
353Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2657 LINER-LTC2657 Datasheet
1Mb / 24P
   Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_15 Datasheet
368Kb / 28P
   Quad I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2634 LINER-LTC2634 Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_1 Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2656 LINER-LTC2656_15 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com