Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2654BIUF-L16PBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2654BIUF-L16PBF
Description  Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2654BIUF-L16PBF Datasheet(HTML) 3 Page - Linear Technology

  LTC2654BIUF-L16PBF Datasheet HTML 1Page - Linear Technology LTC2654BIUF-L16PBF Datasheet HTML 2Page - Linear Technology LTC2654BIUF-L16PBF Datasheet HTML 3Page - Linear Technology LTC2654BIUF-L16PBF Datasheet HTML 4Page - Linear Technology LTC2654BIUF-L16PBF Datasheet HTML 5Page - Linear Technology LTC2654BIUF-L16PBF Datasheet HTML 6Page - Linear Technology LTC2654BIUF-L16PBF Datasheet HTML 7Page - Linear Technology LTC2654BIUF-L16PBF Datasheet HTML 8Page - Linear Technology LTC2654BIUF-L16PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC2654
3
2654f
PRODUCT SELECTOR GUIDE
LTC2654 B
C
UF
–L
16
#TR PBF
LEAD FREE DESIGNATOR
TAPE AND REEL
TR = Tape and Reel
RESOLUTION
16 = 16-Bit
12 = 12-Bit
FULL-SCALE VOLTAGE, INTERNAL REFERENCE MODE
L = 2.5V
H = 4.096V
PACKAGE TYPE
UF = 20-Lead (4mm
× 4mm) Plastic QFN
GN = 16-Lead Narrow SSOP
TEMPERATURE GRADE
C = Commercial Temperature Range (0°C to 70°C)
I = Industrial Temperature Range (–40°C to 85°C)
ELECTRICAL GRADE (OPTIONAL)
B = ±4LSB INL (MAX)
PRODUCT PART NUMBER
Consult LTC Marketing for information on non-standard lead based finish parts. Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC2654BIUF-L16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2654 LINER-LTC2654 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2654 LINER-LTC2654 Datasheet
1Mb / 28P
   Quad 16-Bit/12-Bit 짹10V VOUT SoftSpan DACs with 10ppm/째C Max Reference
LTC2654 LINER-LTC2654_15 Datasheet
353Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
More results

Similar Description - LTC2654BIUF-L16PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2655 LINER-LTC2655 Datasheet
363Kb / 28P
   Quad I짼C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2656 LINER-LTC2656 Datasheet
292Kb / 24P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_1 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2654 LINER-LTC2654_15 Datasheet
353Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2657 LINER-LTC2657 Datasheet
1Mb / 24P
   Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_15 Datasheet
368Kb / 28P
   Quad I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2634 LINER-LTC2634 Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_1 Datasheet
363Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2656 LINER-LTC2656_15 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com