Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD9224RGZR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # UCD9224RGZR
Description  Digital PWM System Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD9224RGZR Datasheet(HTML) 1 Page - Texas Instruments

  UCD9224RGZR Datasheet HTML 1Page - Texas Instruments UCD9224RGZR Datasheet HTML 2Page - Texas Instruments UCD9224RGZR Datasheet HTML 3Page - Texas Instruments UCD9224RGZR Datasheet HTML 4Page - Texas Instruments UCD9224RGZR Datasheet HTML 5Page - Texas Instruments UCD9224RGZR Datasheet HTML 6Page - Texas Instruments UCD9224RGZR Datasheet HTML 7Page - Texas Instruments UCD9224RGZR Datasheet HTML 8Page - Texas Instruments UCD9224RGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
UCD9224
www.ti.com
SLVSA35 – JANUARY 2010
Digital PWM System Controller
1
FEATURES
Tool to Simulate, Configure, and Monitor
Power Supply Performance
2
Fully Configurable Multi-Output and Multi-
Phase Non-Isolated DC/DC PWM Controller
APPLICATIONS
Controls Up to 2 Voltage Rails and Up to 4
Industrial/ATE
Phases
Networking Equipment
Supports Switching Frequencies Up to 2MHz
Telecommunications Equipment
with 250 ps Duty-Cycle Resolution
Servers
Up To 1mV Closed Loop Resolution
Storage Systems
Hardware-Accelerated, 3-Pole/3-Zero
FPGA, DSP and Memory Power
Compensator with Non-Linear Gain for
Improved Transient Performance
DESCRIPTION
Supports Multiple Soft-Start and Soft-Stop
The
UCD9224
is
a
multi-rail,
multi-phase
Configurations Including Prebias Start-up
synchronous buck digital PWM controller designed for
Supports Voltage Tracking, Margining and
non-isolated DC/DC power applications. This device
Sequencing
integrates
dedicated
circuitry
for
DC/DC
loop
Supports Current and Temperature Balancing
management with flash memory and a serial interface
for Multi-Phase Power Stages
to
support
configurability,
monitoring
and
management.
Supports Phase Adding/Shedding for
Multi-Phase Power Stages
The UCD9224 was designed to provide a wide
variety of desirable features for non-isolated DC/DC
Sync In/Out Pins Align DPWM Clocks Between
converter applications while minimizing the total
Multiple UCD92xx Devices
system
component
count
by
reducing
external
12-Bit Digital Monitoring of Power Supply
circuits.
The
solution
integrates
multi-loop
Parameters Including:
management with sequencing, margining, tracking
Input/Output Current and Voltage
and intelligent phase management to optimize for
total
system
efficiency.
Additionally,
loop
Temperature at Each Power Stage
compensation and calibration are supported without
Multiple Levels of Over-current Fault
the need to add external components.
Protection:
To
facilitate
configuring
the
device,
the
Texas
External Current Fault Inputs
Instruments Fusion Digital Power™ Designer is
Analog Comparators Monitor Current
provided. This PC based Graphical User Interface
Sense Voltage
offers an intuitive interface to the device. This tool
allows the design engineer to configure the system
Current Continually Digitally Monitored
operating parameters for the application, store the
Over- and Under-voltage Fault Protection
configuration to on-chip non-volatile memory and
Over-temperature Fault Protection
observe both frequency domain and time domain
Enhanced Nonvolatile Memory with Error
simulations for each of the power stage outputs.
Correction Code (ECC)
TI has also developed multiple complementary power
Device Operates From a Single Supply with an
stage solutions – from discrete drivers in the UCD7k
Internal Regulator Controller That Allows
family to fully tested power train modules in the PTD
Operation Over a Wide Supply Voltage Range
family. These solutions have been developed to
complement the UCD9k family of system power
Supported by Fusion Digital Power™
controllers.
Designer, a Full Featured PC Based Design
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Fusion Digital Power, Auto-ID are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UCD9224RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9224RGZR TI-UCD9224RGZR Datasheet
1Mb / 36P
[Old version datasheet]   Digital PWM System Controller
More results

Similar Description - UCD9224RGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD9248 TI-UCD9248 Datasheet
821Kb / 32P
[Old version datasheet]   Digital PWM System Controller
UCD9240_0811 TI-UCD9240_0811 Datasheet
945Kb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9220 TI-UCD9220 Datasheet
1Mb / 37P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI-UCD9240_08 Datasheet
1Mb / 38P
[Old version datasheet]   Digital PWM System Controller
UCD9246 TI-UCD9246 Datasheet
1Mb / 34P
[Old version datasheet]   Digital PWM System Controller
UCD9224 TI-UCD9224_1 Datasheet
1Mb / 36P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI1-UCD9240_17 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
UCD9240 TI1-UCD9240_15 Datasheet
1Mb / 39P
[Old version datasheet]   Digital PWM System Controller
logo
Integrated Device Techn...
ZSPM1005 IDT-ZSPM1005 Datasheet
58Kb / 2P
   True Digital PWM Controller
ZSPM1501ZA1W0 IDT-ZSPM1501ZA1W0 Datasheet
8Mb / 101P
   True-Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com