Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPD12S015 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part No. TPD12S015
Description  HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS FOR PORTABLE APPLICATIONS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD12S015 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPD12S015 Datasheet HTML 19Page - Texas Instruments TPD12S015 Datasheet HTML 20Page - Texas Instruments TPD12S015 Datasheet HTML 21Page - Texas Instruments TPD12S015 Datasheet HTML 22Page - Texas Instruments TPD12S015 Datasheet HTML 23Page - Texas Instruments TPD12S015 Datasheet HTML 24Page - Texas Instruments TPD12S015 Datasheet HTML 25Page - Texas Instruments TPD12S015 Datasheet HTML 26Page - Texas Instruments TPD12S015 Datasheet HTML 27Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
VCCO
VCCI
DUT
Input
OUT
IN
CL
1 MW
TPD12S015
SLLSE19A – DECEMBER 2009 – REVISED JANUARY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Figure 15. Eye Diagram Performance on a Test Board for the D+, D- Lines at 2.5 Gbps
Figure 16. Eye Diagram Performance on a Test Board for the D+, D- Lines at 3.3 Gbps
PARAMETER MEASUREMENT INFORMATION
PIN
CL
DDC, CEC (A side)
750 pF
DDC, CEC, HPD (B
15 pF
side)
24
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TPD12S015


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn