Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPD12S015 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part No. TPD12S015
Description  HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS FOR PORTABLE APPLICATIONS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD12S015 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPD12S015 Datasheet HTML 8Page - Texas Instruments TPD12S015 Datasheet HTML 9Page - Texas Instruments TPD12S015 Datasheet HTML 10Page - Texas Instruments TPD12S015 Datasheet HTML 11Page - Texas Instruments TPD12S015 Datasheet HTML 12Page - Texas Instruments TPD12S015 Datasheet HTML 13Page - Texas Instruments TPD12S015 Datasheet HTML 14Page - Texas Instruments TPD12S015 Datasheet HTML 15Page - Texas Instruments TPD12S015 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
TPD12S015
SLLSE19A – DECEMBER 2009 – REVISED JANUARY 2010
www.ti.com
Voltage Level Shifter: HPD Line (x_A & x_B ports); VCCA = 2.5V
VCCA = 2.5 V
PARAMETER
PINS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay
B to A
CEC Channels Enabled
10
ms
tPLH
B to A
9
tf
A port fall time
A Port
CEC Channels Enabled
0.37
ns
tr
A port rise time
A Port
CEC Channels Enabled
0.39
ns
Voltage Level Shifter: SCL, SDA Lines (x_A & x_B ports); VCCA = 3.3V
VCCA = 3.3 V
PARAMETER
PINS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay
A to B
DDC channels enabled
323
B to A
158
ns
tPLH
A to B
421
B to A
162
tf
A port fall time
A Port
DDC channels enabled
71
ns
B port fall time
B Port
84
tr
A port rise time
A Port
DDC channels enabled
188
ns
B port rise time
B Port
92
fMAX
Maximum switching frequency
DDC channels enabled
400
kHz
Voltage Level Shifter: CEC Line (x_A & x_B ports); VCCA = 3.3V
VCCA = 3.3 V
PARAMETER
PINS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay
A to B
CEC channels enabled
450
ns
B to A
160
tPLH
A to B
13
ms
B to A
0.251
tf
A port fall time
A Port
CEC channels enabled
71
ns
B port fall time
B Port
96
tr
A port rise time
A Port
CEC channels enabled
194
ns
B port rise time
B Port
15
ms
Voltage Level Shifter: HPD Line (x_A & x_B ports); VCCA = 3.3V
VCCA = 3.3 V
PARAMETER
PINS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay
B to A
CEC channels enabled
10
ms
tPLH
B to A
9
tf
A port fall time
A Port
CEC channels enabled
0.35
ns
tr
A port rise time
A Port
CEC channels enabled
0.37
ns
12
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TPD12S015


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn