Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPD12S015 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part No. TPD12S015
Description  HDMI COMPANION CHIP WITH STEP-UP DC-DC, I2C LEVEL SHIFTER, AND HIGH-SPEED ESD CLAMPS FOR PORTABLE APPLICATIONS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPD12S015 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPD12S015 Datasheet HTML 2Page - Texas Instruments TPD12S015 Datasheet HTML 3Page - Texas Instruments TPD12S015 Datasheet HTML 4Page - Texas Instruments TPD12S015 Datasheet HTML 5Page - Texas Instruments TPD12S015 Datasheet HTML 6Page - Texas Instruments TPD12S015 Datasheet HTML 7Page - Texas Instruments TPD12S015 Datasheet HTML 8Page - Texas Instruments TPD12S015 Datasheet HTML 9Page - Texas Instruments TPD12S015 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
TPD12S015
SLLSE19A – DECEMBER 2009 – REVISED JANUARY 2010
www.ti.com
ESD RATINGS
PARAMETER
PINS
TYP
UNIT
Human Body Model JESD22 A114-B
ALL
2.5
kV
Charged Device Model JESD22 C101
ALL
1000
V
IEC 61000-4-2 Contact Discharge
Dx, CLKx, x_B, 5VOUT, FB
±8
kV
Human Body Model
Dx, CLKx, x_B, 5VOUT, FB
±15
kV
ELECTRICAL CHARACTERISTICS
ICC
PARAMETER
PIN
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICCA
Standby
VCCA
I/O = High
2
µA
Active
15
ICCB
Standby
VBAT
CT_CP_HPD=L, LS_OE=L, HPD_B=L
2
µA
DC/DC and HPD active
CT_CP_HPD=H, LS_OE=L, HPD_B=L
30
50
DC/DC, HPD, DDC, CEC active
CT_CP_HPD=H LS_OE=H, HPD_B=L,
225
300
I/O =H
High-Speed ESD Lines: Dx, CLK
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOFF
Current from IO port to supply
VCC = 0 V, VIO = 3.3 V
0.01
0.5
µA
pins
VDL
Diode forward voltage
ID = 8 mA,
Lower clamp diode
0.85
1.0
V
RDYN
Dynamic resistance
I = 1 A
D, CLK
1
Ω
CIO
IO capacitance
VIO = 2.5 V
D, CLK
1.3
pF
VBR
Break-down voltage
IIO = 1mA
9
12
V
DC-DC Converter
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBAT
Input voltage range
2.3
5.5
V
5VOUT
Total DC output voltage
Includes voltage references, DC load / line
4.9
5
5.13
V
regulations, process and temperature
TOVA
Total output voltage accuracy
Includes voltage references, DC load / line
4.8
5
5.3
V
regulations, transient load / line regulations,
ripple, process and temperature
VO_Ripple
Output voltage ripple, loaded
IO = 65 mA
20
mV
(p-p)
F_clk
Internal operating frequency
VBAT = 2.3 V to 5.5 V
3.5
MHz
tstart
Startup time
From CT_CP_HPD input to 5 V power output
300
µs
90% point
IO
Output current
VBAT = 2.3 V to 5.5 V
55
mA
Reverse leakage current VO
CT_CP_HPD= L, VO = 5.5 V
2.5
µA
Leakage current from battery to
CT_CP_HPD= L
5
µA
VO
VBATUV
Under voltage lockout threshold
Falling
2
V
Rising
2.1
V
VOVC
Input overvoltage threshold
Falling
5.9
V
Rising
6.0
Line transient response
VBAT = 3.6 V, a pulse of 217Hz 600 mVp-p
±25
±50
mVpk
square wave, IO = 20/65 mA
Load transient response
VBAT = 3.6 V, IO = 5 to 65 mA, pulse of 10 µs, tr
50
mVpk
= tf = 0.1 µs
6
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TPD12S015


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn