Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPC-740-0.9 Datasheet(PDF) 1 Page - EPIGAP optoelectronic GmbH

Part # EPC-740-0.9
Description  Photodiode-Chip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPIGAP [EPIGAP optoelectronic GmbH]
Direct Link  http://www.epigap-berlin.com
Logo EPIGAP - EPIGAP optoelectronic GmbH

EPC-740-0.9 Datasheet(HTML) 1 Page - EPIGAP optoelectronic GmbH

  EPC-740-0.9 Datasheet HTML 1Page - EPIGAP optoelectronic GmbH EPC-740-0.9 Datasheet HTML 2Page - EPIGAP optoelectronic GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Photodiode-Chip
Preliminary
6/28/2007
rev. 04/07
Wavelength range
Infrared, selective
typ. dimensions (µm)
Description
300 (±20) µm
anode
gold alloy, 1.5 µm
cathode
Applications
gold alloy, 0.5 µm
Miscellaneous Parameters
Tamb = 25°C, unless otherwise specified
Symbol
Value
Unit
A
0.62
mm²
Tamb
-40 to +125
°C
Tstg
-40 to +125
°C
Optical and Electrical Characteristics
Tamb = 25°C, unless otherwise specified
Parameter
Test
conditions
Symbol
Min
Typ
Max
Unit
Reverse voltage
2
IR = 10 µA
VR
5
V
Dark current
VR = 5 V
ID
40
200
pA
Responsivity at λP
1
VR = 0 V
Sλ
0.5
A/W
Peak sensitivity
VR = 0 V
λ
P
740
nm
Spectral range at 10 %
VR = 0 V
λ
0.5
680
770
nm
Spectral bandwidth at 50%
VR = 0 V
∆λ
0.4
80
nm
Junction capacitance
VR = 0 V
CJ
40
pF
Switching time
VR = 5 V
tr, tf
15/30
ns
1Measured on bare chip on TO-18 header
2information only
Labeling
Type
Typ. ID [pA]
Typ. Sλ[A/W]
EPС-740-0.9
Packing: Chips on adhesive film with wire-bond side on top
*Note: All measurements carried out with EPIGAP equipment
Storage temperature range
Active area
Operating temperature range
Infrared-selective
photodiode with narrow
response range
(680-770 nm)
typ. thickness
Optical communications,
safety equipment, light
barriers
Parameter
Test сonditions
Type
Integrated filter
EPC-740-0.9
Electrodes
P (anode) up
Technology
AlGaAs/GaAs
Lot N°
Quantity
720
800
860
PD-03
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Köpenicker Str.325 b, Haus 201
Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
1 of 2


Similar Part No. - EPC-740-0.9

ManufacturerPart #DatasheetDescription
logo
EPIGAP optoelectronic G...
EPC-740-0.5 EPIGAP-EPC-740-0.5 Datasheet
56Kb / 2P
   Photodiode-Chip
More results

Similar Description - EPC-740-0.9

ManufacturerPart #DatasheetDescription
logo
EPIGAP optoelectronic G...
EPC-440-3.6 EPIGAP-EPC-440-3.6 Datasheet
28Kb / 2P
   Photodiode-Chip
EPC-470-0.5 EPIGAP-EPC-470-0.5 Datasheet
112Kb / 2P
   Photodiode-Chip
EPC-880-0.9-1 EPIGAP-EPC-880-0.9-1 Datasheet
113Kb / 2P
   Photodiode-Chip
EPC-1300-3.0-4 EPIGAP-EPC-1300-3.0-4 Datasheet
128Kb / 2P
   Photodiode-Chip
EPC-440-0.9 EPIGAP-EPC-440-0.9 Datasheet
28Kb / 2P
   Photodiode-Chip
EPC-1300-3.0-1 EPIGAP-EPC-1300-3.0-1 Datasheet
127Kb / 2P
   Photodiode-Chip
EPC-1300-0.5-3 EPIGAP-EPC-1300-0.5-3 Datasheet
128Kb / 2P
   Photodiode-Chip
EPC-1300-0.22-2 EPIGAP-EPC-1300-0.22-2 Datasheet
129Kb / 2P
   Photodiode-Chip
EPC-1300-1.0-4 EPIGAP-EPC-1300-1.0-4 Datasheet
129Kb / 2P
   Photodiode-Chip
EPC-525-2.5 EPIGAP-EPC-525-2.5 Datasheet
136Kb / 3P
   Photodiode-Chip
EPC-660-0.5 EPIGAP-EPC-660-0.5 Datasheet
102Kb / 2P
   Photodiode-Chip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com