Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD17306Q5A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD17306Q5A
Description  30V, N-Channel NexFET??Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD17306Q5A Datasheet(HTML) 3 Page - Texas Instruments

  CSD17306Q5A Datasheet HTML 1Page - Texas Instruments CSD17306Q5A Datasheet HTML 2Page - Texas Instruments CSD17306Q5A Datasheet HTML 3Page - Texas Instruments CSD17306Q5A Datasheet HTML 4Page - Texas Instruments CSD17306Q5A Datasheet HTML 5Page - Texas Instruments CSD17306Q5A Datasheet HTML 6Page - Texas Instruments CSD17306Q5A Datasheet HTML 7Page - Texas Instruments CSD17306Q5A Datasheet HTML 8Page - Texas Instruments CSD17306Q5A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
GATE
Source
DRAIN
M0137-02
GATE
Source
DRAIN
M0137-01
t -PulseDuration-s
p
0.001
0.01
0.1
1
10
100
1k
0.0001
0.01
0.1
1
10
G012
DutyCycle=t /t
1 2
t
1
t
2
TypicalR
=96 C/W(minCu)
T =P
Z
R
q
q
q
JA
J
JA
JA
°
´
´
P
SinglePulse
0.01
0.02
0.05
0.1
0.3
0.5
0.001
CSD17306Q5A
www.ti.com
SLPS253 – FEBRUARY 2010
Max RqJA = 49°C/W
Max RqJA = 120°C/W
when mounted on
when mounted on a
1 inch2 of 2 oz.
minimum pad area of
(0.071-mm thick) Cu.
2-oz. Cu.
TYPICAL MOSFET CHARACTERISTICS
(TA = 25°C unless otherwise stated)
Figure 1. Transient Thermal Impedance
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CSD17306Q5A


Similar Part No. - CSD17306Q5A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17306Q5A TI1-CSD17306Q5A Datasheet
4Mb / 35P
[Old version datasheet]   Single-Phase, D-CAP and D-CAP2 Controller with 2-Bit Flexible VID Control
More results

Similar Description - CSD17306Q5A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17571Q2 TI1-CSD17571Q2 Datasheet
908Kb / 11P
[Old version datasheet]   30V N-Channel NexFET Power MOSFETs
CSD17305Q5A TI-CSD17305Q5A Datasheet
358Kb / 10P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17322Q5A TI1-CSD17322Q5A Datasheet
617Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17301Q5A_101 TI-CSD17301Q5A_101 Datasheet
509Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17302Q5A TI-CSD17302Q5A Datasheet
359Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17304Q3 TI-CSD17304Q3 Datasheet
373Kb / 10P
[Old version datasheet]   30V N-Channel NexFET??Power MOSFETs
CSD17505Q5A TI1-CSD17505Q5A Datasheet
335Kb / 12P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17506Q5A TI1-CSD17506Q5A Datasheet
202Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
DECEMBER2010
CSD17507Q5A TI-CSD17507Q5A_10 Datasheet
347Kb / 9P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
CSD17301Q5A TI-CSD17301Q5A_10 Datasheet
509Kb / 11P
[Old version datasheet]   30V, N-Channel NexFET??Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com