Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XAM1806BZWT4 Datasheet(PDF) 1 Page - Texas Instruments

Part # XAM1806BZWT4
Description  AM1806 ARM Microprocessor
Download  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM1806BZWT4 Datasheet(HTML) 1 Page - Texas Instruments

  XAM1806BZWT4 Datasheet HTML 1Page - Texas Instruments XAM1806BZWT4 Datasheet HTML 2Page - Texas Instruments XAM1806BZWT4 Datasheet HTML 3Page - Texas Instruments XAM1806BZWT4 Datasheet HTML 4Page - Texas Instruments XAM1806BZWT4 Datasheet HTML 5Page - Texas Instruments XAM1806BZWT4 Datasheet HTML 6Page - Texas Instruments XAM1806BZWT4 Datasheet HTML 7Page - Texas Instruments XAM1806BZWT4 Datasheet HTML 8Page - Texas Instruments XAM1806BZWT4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 241 page
background image
AM1806
www.ti.com
SPRS658 – FEBRUARY 2010
AM1806 ARM Microprocessor
Check for Samples: AM1806
1
AM1806 ARM Microprocessor
1.1
Features
12
via software to save power
• 375/456-MHz ARM926EJ-S™ RISC MPU
Register 30 of each PRU is exported from
• Enhanced Direct-Memory-Access Controller 3
the subsystem in addition to the normal
(EDMA3):
R31 output of the PRU cores.
– 2 Channel Controllers
– Standard power management mechanism
– 3 Transfer Controllers
Clock gating
– 64 Independent DMA Channels
Entire subsystem under a single PSC
– 16 Quick DMA Channels
clock gating domain
– Programmable Transfer Burst Size
– Dedicated interrupt controller
• 1.8V or 3.3V LVCMOS IOs (except for USB and
– Dedicated switched central resource
DDR2 interfaces)
• USB 2.0 OTG Port With Integrated PHY (USB0)
• Two External Memory Interfaces:
– USB 2.0 High-/Full-Speed Client
– EMIFA
– USB 2.0 High-/Full-/Low-Speed Host
NOR (8-/16-Bit-Wide Data)
– End Point 0 (Control)
NAND (8-/16-Bit-Wide Data)
– End Points 1,2,3,4 (Control, Bulk, Interrupt or
16-Bit SDRAM With 128 MB Address
ISOC) Rx and Tx
Space
• One Multichannel Audio Serial Port:
– DDR2/Mobile DDR Memory Controller
– Transmit/Receive Clocks
16-Bit DDR2 SDRAM With 512 MB
– Two Clock Zones and 16 Serial Data Pins
Address Space or
– Supports TDM, I2S, and Similar Formats
16-Bit mDDR SDRAM With 256 MB
Address Space
– DIT-Capable
• Three Configurable 16550 type UART Modules:
– FIFO buffers for Transmit and Receive
– With Modem Control Signals
• Two Multichannel Buffered Serial Ports:
– 16-byte FIFO
– Transmit/Receive Clocks
– 16x or 13x Oversampling Option
– Two Clock Zones and 16 Serial Data Pins
• Two Serial Peripheral Interfaces (SPI) Each
– Supports TDM, I2S, and Similar Formats
With Multiple Chip-Selects
– AC97 Audio Codec Interface
• Two Multimedia Card (MMC)/Secure Digital (SD)
– Telecom Interfaces (ST-Bus, H100)
Card Interface with Secure Data I/O (SDIO)
– 128-channel TDM
Interfaces
– FIFO buffers for Transmit and Receive
• Two Master/Slave Inter-Integrated Circuit (I2C
• Video Port Interface (VPIF):
Bus™)
– Two 8-bit SD (BT.656), Single 16-bit or Single
• One Host-Port Interface (HPI) With 16-Bit-Wide
Raw (8-/10-/12-bit) Video Capture Channels
Muxed Address/Data Bus For High Bandwidth
– Two 8-bit SD (BT.656), Single 16-bit Video
• Programmable Real-Time Unit Subsystem
Display Channels
(PRUSS)
• Universal Parallel Port (uPP):
– Two Independent Programmable Realtime
– High-Speed Parallel Interface to FPGAs and
Unit (PRU) Cores
Data Converters
32-Bit Load/Store RISC architecture
– Data Width on Each of Two Channels is 8- to
4K Byte instruction RAM per core
16-bit Inclusive
512 Bytes data RAM per core
– Single Data Rate or Dual Data Rate Transfers
PRU Subsystem (PRUSS) can be disabled
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
ARM926EJ-S is a trademark of ARM Limited.
ADVANCE INFORMATION concerns new products in the sampling
Copyright © 2010, Texas Instruments Incorporated
or preproduction phase of development. Characteristic data and other
specifications are subject to change without notice.


Similar Part No. - XAM1806BZWT4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XAM1806BZWT4 TI-XAM1806BZWT4 Datasheet
1Mb / 241P
[Old version datasheet]   AM1806 ARM Microprocessor
More results

Similar Description - XAM1806BZWT4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM1806 TI1-AM1806_11 Datasheet
1Mb / 244P
[Old version datasheet]   AM1806 ARM Microprocessor
APRIL2011
AM1806_1005 TI-AM1806_1005 Datasheet
1Mb / 241P
[Old version datasheet]   AM1806 ARM Microprocessor
AM1806 TI1-AM1806_16 Datasheet
1Mb / 245P
[Old version datasheet]   AM1806 ARM짰 Microprocessor
AM1806 TI-AM1806_15 Datasheet
1Mb / 245P
[Old version datasheet]   AM1806 ARM짰 Microprocessor
AM1808 TI1-AM1808_12 Datasheet
1Mb / 262P
[Old version datasheet]   ARM Microprocessor
AM3517 TI-AM3517 Datasheet
2Mb / 184P
[Old version datasheet]   ARM Microprocessor
AM1806_101 TI-AM1806_101 Datasheet
1Mb / 243P
[Old version datasheet]   ARM Microprocessor
AM1707_1008 TI-AM1707_1008 Datasheet
1Mb / 199P
[Old version datasheet]   ARM Microprocessor
AM1808_1004 TI-AM1808_1004 Datasheet
1Mb / 264P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1705_1007 TI-AM1705_1007 Datasheet
1Mb / 156P
[Old version datasheet]   AM1705 ARM Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com