Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADRF6655-EVALZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF6655-EVALZ
Description  Broadband Up/Downconverting Mixer with Integrated Fractional-N PLL and VCO
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6655-EVALZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF6655-EVALZ Datasheet HTML 5Page - Analog Devices ADRF6655-EVALZ Datasheet HTML 6Page - Analog Devices ADRF6655-EVALZ Datasheet HTML 7Page - Analog Devices ADRF6655-EVALZ Datasheet HTML 8Page - Analog Devices ADRF6655-EVALZ Datasheet HTML 9Page - Analog Devices ADRF6655-EVALZ Datasheet HTML 10Page - Analog Devices ADRF6655-EVALZ Datasheet HTML 11Page - Analog Devices ADRF6655-EVALZ Datasheet HTML 12Page - Analog Devices ADRF6655-EVALZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
ADRF6655
Rev. 0 | Page 9 of 44
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5 V, TA = 25°C, PFD = 20 MHz, REFIN = 20 MHz, IP3SET = 3.2 V, unless otherwise noted.
DOWNCONVERSION
Measured using typical downconversion circuit schematic with high-side LO and 140 MHz IF output, unless otherwise noted.
–5
–4
–3
–2
–1
0
1
2
3
4
5
INPUT FREQUENCY (MHz)
+25°C
–40°C
+85°C
900
1100
1300150017001900
21002300
LOW-SIDE LO
HIGH-SIDE LO
Figure 4. Conversion Gain vs. Input Frequency
10
12
14
16
18
20
RF FREQUENCY (MHz)
+25°C
–40°C
+85°C
IP3SET = 3.2V
IP3SET = OPEN
900
1100
1300
1500
1700
1900
2100
Figure 5. SSB Noise Figure vs. RF Frequency
10
12
14
16
18
20
22
24
26
28
30
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
CW BLOCKER LEVEL (dBm)
IP3SET = 3.2V
IP3SET = OPEN
Figure 6. SSB Noise Figure vs. CW Blocker Level
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
INPUT FREQUENCY (MHz)
+25°C
–40°C
+85°C
IP3SET = 3.2V
IP3SET = OPEN
900
1100
1300
1500
1700
1900
2100
Figure 7. Input IP3 vs. Input Frequency
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
INPUT FREQUENCY (MHz)
900
1100
1300
1500
1700
1900
2100
2300
2500
+25°C
–40°C
+85°C
LOW-SIDE LO
HIGH-SIDE LO
Figure 8. Input IP2 vs. Input Frequency
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
INPUT FREQUENCY (MHz)
IP3SET = 3.2V
IP3SET = OPEN
+25°C
–40°C
+85°C
900
1100
1300
1500
1700
1900
2100
Figure 9. Input P1dB vs. Input Frequency


Similar Part No. - ADRF6655-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6650 AD-ADRF6650 Datasheet
1Mb / 61P
   Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
ADRF6650-EVALZ AD-ADRF6650-EVALZ Datasheet
1Mb / 61P
   Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
ADRF6650ACPZ AD-ADRF6650ACPZ Datasheet
1Mb / 61P
   Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
ADRF6650ACPZ-RL7 AD-ADRF6650ACPZ-RL7 Datasheet
1Mb / 61P
   Dual Downconverter with DVGA and PLL/VCO, 450 MHz to 2700 MHz
ADRF6658 AD-ADRF6658 Datasheet
679Kb / 31P
   Wideband, Dual Rx Mixers with Integrated IF Amplifiers
More results

Similar Description - ADRF6655-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC767LP6CE AD-HMC767LP6CE Datasheet
1,020Kb / 8P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC826LP6CE AD-HMC826LP6CE Datasheet
682Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC830LP6GE AD-HMC830LP6GE Datasheet
1Mb / 14P
   Fractional-N PLL with Integrated VCO
HMC832A AD-HMC832A Datasheet
1Mb / 48P
   Fractional-N PLL with Integrated VCO
HMC807LP6CE AD-HMC807LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC828LP6CE AD-HMC828LP6CE Datasheet
676Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC836LP6CE AD-HMC836LP6CE Datasheet
680Kb / 10P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC764LP6CE AD-HMC764LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC765LP6CE AD-HMC765LP6CE Datasheet
1Mb / 14P
   FRACTIONAL-N PLL WITH INTEGRATED VCO,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com