Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5174 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5174
Description  Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5174 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5174 Datasheet HTML 7Page - Analog Devices AD5174 Datasheet HTML 8Page - Analog Devices AD5174 Datasheet HTML 9Page - Analog Devices AD5174 Datasheet HTML 10Page - Analog Devices AD5174 Datasheet HTML 11Page - Analog Devices AD5174 Datasheet HTML 12Page - Analog Devices AD5174 Datasheet HTML 13Page - Analog Devices AD5174 Datasheet HTML 14Page - Analog Devices AD5174 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD5174
Rev. 0 | Page 11 of 20
TEST CIRCUITS
Figure 21 to Figure 25 define the test conditions used in the Specifications section.
VMS
IW
A
W
DUT
Figure 21. Resistor Position Nonlinearity Error
(Rheostat Operation; R-INL, R-DNL)
RWA =
VMS
IW
RW =
RWA
2
A
W
IW
DUT
VMS
CODE = 0x00
Figure 22. Wiper Resistance
VDD
IW
VMS
A
W
V+
ΔVMS%
ΔVDD%
VMS
VDD
V+ = VDD ±10%
PSRR (dB) = 20 log
PSS (%/%) =
Figure 23. Power Supply Sensitivity (PSS, PSRR)
VMS
A
W
DUT
V
1GΩ
Figure 24. Gain vs. Frequency
ICM
DUT
W
A
NC = NO CONNECT
GND
+2.75V
NC
+2.75V
–2.75V
–2.75V
GND
GND
Figure 25. Common Leakage Current


Similar Part No. - AD5174

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD517 AD-AD517 Datasheet
312Kb / 6P
   Low Cost, Laser Trimmed, Precision IC Op Amp
REV. A
AD5170 AD-AD5170 Datasheet
900Kb / 24P
   256-Position Two-Time Programmable I2C Digital Potentiometer
REV. A
AD5170BRM10 AD-AD5170BRM10 Datasheet
900Kb / 24P
   256-Position Two-Time Programmable I2C Digital Potentiometer
REV. A
AD5170BRM10-RL7 AD-AD5170BRM10-RL7 Datasheet
900Kb / 24P
   256-Position Two-Time Programmable I2C Digital Potentiometer
REV. A
AD5170BRM100 AD-AD5170BRM100 Datasheet
900Kb / 24P
   256-Position Two-Time Programmable I2C Digital Potentiometer
REV. A
More results

Similar Description - AD5174

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5175 AD-AD5175 Datasheet
1Mb / 20P
   Single-Channel, 1024-Position, Digital Rheostat with I2C Interface and 50-TP Memory
REV. 0
AD5270 AD-AD5270 Datasheet
725Kb / 24P
   1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Rev. F
AD5272BRMZ-20 AD-AD5272BRMZ-20 Datasheet
713Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5272 AD-AD5272 Datasheet
720Kb / 28P
   1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com