Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11802ETC Datasheet(PDF) 47 Page - Maxim Integrated Products

Part # MAX11802ETC
Description  Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11802ETC Datasheet(HTML) 47 Page - Maxim Integrated Products

Back Button MAX11802ETC Datasheet HTML 43Page - Maxim Integrated Products MAX11802ETC Datasheet HTML 44Page - Maxim Integrated Products MAX11802ETC Datasheet HTML 45Page - Maxim Integrated Products MAX11802ETC Datasheet HTML 46Page - Maxim Integrated Products MAX11802ETC Datasheet HTML 47Page - Maxim Integrated Products MAX11802ETC Datasheet HTML 48Page - Maxim Integrated Products MAX11802ETC Datasheet HTML 49Page - Maxim Integrated Products MAX11802ETC Datasheet HTML 50Page - Maxim Integrated Products MAX11802ETC Datasheet HTML 51Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
Low-Power, Ultra-Small Resistive Touch-Screen
Controllers with I2C/SPI Interface
______________________________________________________________________________________
47
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
NAME
ADC_BUSY
LPM
TDM
SCAN
FIFO_OVR
FIFO_INT
EDGE_INT
CONT_INT
DEFAULT
0
00
000
00
BIT
NAME
DESCRIPTION
7
ADC_BUSY
0: ADC is not in ACQ or CONV state
1: ADC is in ACQ or CONV state
This is for INTERNAL TEST only
6
LPM
0: Device is not in LPM or standby mode
1: Device is in LPM or standby mode
5
TDM
0: Device is not in TDM
1: Device is in TDM
4
SCAN
0: No scan or measurement in progress
1: Scan or measurement in progress
Also indicates presence of a continuous touch in autonomous mode
3
FIFO_OVR
0: FIFO overflow has not occurred (MAX11800/MAX11801)
1: FIFO has overflowed since last readback operation
Enabled only if AUTO = 1
2
FIFO_INT
0: No unread data in FIFO (MAX11800/MAX11801)
1: New data available in FIFO
Enabled only if AUTO = 1
1
EDGE_INT
0: No touch event in progress
1: Touch event in progress (cleared on ETAG = 10)
Enabled only if AUTO = 0 and EDGE_IRQ = 1
0
CONT_INT
0: No touch present
1: Touch present (or conversion in progress)
Enabled only if AUTO = 0 and EDGE_IRQ = 0
General Status Register (0x00) (Read Only)
User Configuration Registers


Similar Part No. - MAX11802ETC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11802ETC++ MAXIM-MAX11802ETC+ Datasheet
994Kb / 59P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 3; 10/10
MAX11802ETC+T MAXIM-MAX11802ETC+T Datasheet
917Kb / 56P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 0; 7/09
More results

Similar Description - MAX11802ETC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11800_1010 MAXIM-MAX11800_1010 Datasheet
994Kb / 59P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 3; 10/10
MAX11800 MAXIM-MAX11800 Datasheet
917Kb / 56P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 0; 7/09
logo
Asahi Kasei Microsystem...
AK4185 AKM-AK4185_10 Datasheet
574Kb / 30P
   Low Power Touch Screen Controller with SPI??Interface
AK4185 AKM-AK4185 Datasheet
579Kb / 27P
   Low Power Touch Screen Controller with SPI??Interface
AK4185 AKM-AK4185 Datasheet
461Kb / 30P
   Low Power Touch Screen Controller with SPI Interface
AK4186 AKM-AK4186 Datasheet
634Kb / 33P
   Low Power Touch Screen Controller with I2C Interface
AK4186 AKM-AK4186 Datasheet
887Kb / 33P
   Low Power Touch Screen Controller with I2C Interface
logo
Maxim Integrated Produc...
MAX11811 MAXIM-MAX11811 Datasheet
816Kb / 1P
   TacTouch™, Low-Power, Ultra-Small, Resistive Touch-Screen Controller with Haptic Driver
Rev 0; 1/10
logo
Shenzhen Huazhimei Semi...
HM2056 HMSEMI-HM2056 Datasheet
892Kb / 19P
   Ultra-low power consumption 4-wire resistive touch screen controller
logo
List of Unclassifed Man...
WTD0001 ETC-WTD0001 Datasheet
88Kb / 4P
   TOUCH SCREEN CONTROLLER (FOR SPI INTERFACE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com