Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCTB42-2 Datasheet(PDF) 1 Page - Dubilier

Part # DBCTB42-2
Description  TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCTB42-2 Datasheet(HTML) 1 Page - Dubilier

  DBCTB42-2 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
374
TERMINAL BLOCKS
5MM PITCH RISING CLAMP
SPECIFICATION
OUTLINE DRAWING
Electrical Characteristics
Rating Current:
20A/250V
Contact Resistance:
≥2.5kV/60secs
Insulation Resistance:
≥5MΩ
Operating Temperature: -20°C to +125°C
Short period:
160°C
Moulding:
UL94-V0 flame retardant PA66
Pin/terminal:
5µ tinned, nickel plated brass
Wire clamp:
Nickel plated brass
Screw/torque:
M3 steel, 6µ zinc colour passivated and
tropicalised/0.5Nm
Recommended
PCB hole size:
ø1.3mm
DBC
Dubilier
Connectors
TB
Series
Terminals Blocks
42
Style
/2
No of Ways
2 = 2ways
3 = 3ways
* other number of ways are available
Please consult the office for
further details
5mm Pitch
Professional Rising Clamp
2 -12 pole interlocking
2.5mm2 wire acceptance
UL/CE/VDE approved
Colour Green
3.5
TERMINAL BLOCKS
5mm PITCH VERTICAL MOUNT
SPECIFICATION
OUTLINE DRAWING
Rating:
20A/250Volts
Dielectric Strength:
>2.5KV
Insulation Resistance:
>5MΩ
Working temperature:
-20°C to 125°C
Short Period:
160°
Moulding:
UL94V-0 flame retardant nylon 66
Pin/terminal:
5 micron tinned nickel plated brass
Rising clamp:
Nickel plated brass
Screw/torque:
M3 Zinc Steel / 0.2Nm, colour passivated
and tropicalised
Recommended PCB
hole size:
ø1.3mm2
DBC
TB
16
/2
Dubilier
Connectors
Series
Terminal Block
Style
Nº of Ways
2 = 2 ways
3 = 3 ways
5.00mm pitch
Professional rising clamp
- Designed to prevent cable
entry below clamp
2.5mm2 wire acceptance
Rating 20A/250V
UL/CE approved
Colour green
Interlocking
5
3.5
13.8
10
2.7
5
5
3.5
13.8
15
2.7
9.8
0.9 4.6
5
3.5
13.8
10
2.7
5
5
3.5
13.8
15
2.7
9.8
0.9 4.6
5
3.5
13.8
10
2.7
5
5
3.5
13.8
15
2.7
9.8
0.9 4.6
ORDERING INFORMATION
ORDERING INFORMATION


Similar Part No. - DBCTB42-2

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB42-2 DUBILIER-DBCTB42-2 Datasheet
110Kb / 1P
   TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT
More results

Similar Description - DBCTB42-2

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB16-2 DUBILIER-DBCTB16-2 Datasheet
110Kb / 1P
   TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT
DBCTB2-2 DUBILIER-DBCTB2-2 Datasheet
105Kb / 1P
   TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT
DBCTB14-2 DUBILIER-DBCTB14-2 Datasheet
131Kb / 1P
   TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT - LOW PROFILE
DBCTB12-2 DUBILIER-DBCTB12-2 Datasheet
131Kb / 1P
   TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT - LOW PROFILE
DBCTB15-2 DUBILIER-DBCTB15-2 Datasheet
126Kb / 1P
   TERMINAL BLOCKS 5.08mm PITCH VERTICAL MOUNT
DBCTB17-2 DUBILIER-DBCTB17-2 Datasheet
126Kb / 1P
   TERMINAL BLOCKS 5.08mm PITCH VERTICAL MOUNT
DBCTB13-2 DUBILIER-DBCTB13-2 Datasheet
123Kb / 1P
   TERMINAL BLOCKS 5.08mm PITCH VERTICAL MOUNT
DBCTB48-2 DUBILIER-DBCTB48-2 Datasheet
123Kb / 1P
   TERMINAL BLOCKS 10mm PITCH VERTICAL MOUNT
DBCTB46-2 DUBILIER-DBCTB46-2 Datasheet
123Kb / 1P
   TERMINAL BLOCKS 5.08mm PITCH VERTICAL MOUNT
DBCTB4-2 DUBILIER-DBCTB4-2 Datasheet
107Kb / 1P
   TERMINAL BLOCKS 5mm PITCH 90 MOUNT - LOW PROFILE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com