Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11800 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX11800
Description  Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11800 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX11800 Datasheet HTML 10Page - Maxim Integrated Products MAX11800 Datasheet HTML 11Page - Maxim Integrated Products MAX11800 Datasheet HTML 12Page - Maxim Integrated Products MAX11800 Datasheet HTML 13Page - Maxim Integrated Products MAX11800 Datasheet HTML 14Page - Maxim Integrated Products MAX11800 Datasheet HTML 15Page - Maxim Integrated Products MAX11800 Datasheet HTML 16Page - Maxim Integrated Products MAX11800 Datasheet HTML 17Page - Maxim Integrated Products MAX11800 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
Low-Power, Ultra-Small Resistive Touch-Screen
Controllers with I2C/SPI Interface
14
______________________________________________________________________________________
Pin Description
PIN
MAX11800/MAX11802
MAX11801/MAX11803
TQFN
WLP
TQFN
WLP
NAME
FUNCTION
1
A4
1
A4
X+
X+ Channel Input/Output
2
B4
2
B4
VDD
Power Supply. Bypass VDD to GND with a 1μF capacitor.
3
B3
3
B3
GND
Ground
4
C4
4
C4
X-
X- Channel Input/Output
5
C3
5
C3
Y-
Y- Channel Input/Output
6C2
6C2
TIRQ
Active-Low Touch Interrupt Output
7
C1
—-
DIN
SPI Serial Data Input
8
B1
CLK
SPI Serial Data Clock Input
9A1
CS
SPI Chip-Select Input
10
B2
DOUT
SPI Data Output
11
A2
11
A2
AUX
Auxiliary Input
12
A3
12
A3
Y+
Y+ Channel Input/Output
7
C1
SDA
I2C Serial Data Bus Input/Output
8
B1
SCL
I2C Serial Data Clock Input
——
9
A1
A0
I2C Address Input Bit 0
10
B2
A1
I2C Address Input Bit 1
EP
EP
EP
Exposed Pad. Connected to ground.


Similar Part No. - MAX11800

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11800 MAXIM-MAX11800 Datasheet
917Kb / 56P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 0; 7/09
MAX11800 MAXIM-MAX11800 Datasheet
994Kb / 59P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 3; 10/10
MAX11800 MAXIM-MAX11800 Datasheet
3Mb / 18P
   Direct Conversion Mode Demonstration Capability
Rev 0; 10/10
MAX11800ETC++ MAXIM-MAX11800ETC+ Datasheet
917Kb / 56P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 0; 7/09
MAX11800ETC++ MAXIM-MAX11800ETC+ Datasheet
994Kb / 59P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 3; 10/10
More results

Similar Description - MAX11800

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11800_1010 MAXIM-MAX11800_1010 Datasheet
994Kb / 59P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 3; 10/10
MAX11800 MAXIM-MAX11800 Datasheet
917Kb / 56P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 0; 7/09
logo
Asahi Kasei Microsystem...
AK4185 AKM-AK4185_10 Datasheet
574Kb / 30P
   Low Power Touch Screen Controller with SPI??Interface
AK4185 AKM-AK4185 Datasheet
579Kb / 27P
   Low Power Touch Screen Controller with SPI??Interface
AK4185 AKM-AK4185 Datasheet
461Kb / 30P
   Low Power Touch Screen Controller with SPI Interface
AK4186 AKM-AK4186 Datasheet
634Kb / 33P
   Low Power Touch Screen Controller with I2C Interface
AK4186 AKM-AK4186 Datasheet
887Kb / 33P
   Low Power Touch Screen Controller with I2C Interface
logo
Maxim Integrated Produc...
MAX11811 MAXIM-MAX11811 Datasheet
816Kb / 1P
   TacTouch™, Low-Power, Ultra-Small, Resistive Touch-Screen Controller with Haptic Driver
Rev 0; 1/10
logo
Shenzhen Huazhimei Semi...
HM2056 HMSEMI-HM2056 Datasheet
892Kb / 19P
   Ultra-low power consumption 4-wire resistive touch screen controller
logo
List of Unclassifed Man...
WTD0001 ETC-WTD0001 Datasheet
88Kb / 4P
   TOUCH SCREEN CONTROLLER (FOR SPI INTERFACE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com