Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX810L Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX810L
Description  3-Pin Microprocessor Reset Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX810L Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX810L Datasheet HTML 1Page - Maxim Integrated Products MAX810L Datasheet HTML 2Page - Maxim Integrated Products MAX810L Datasheet HTML 3Page - Maxim Integrated Products MAX810L Datasheet HTML 4Page - Maxim Integrated Products MAX810L Datasheet HTML 5Page - Maxim Integrated Products MAX810L Datasheet HTML 6Page - Maxim Integrated Products MAX810L Datasheet HTML 7Page - Maxim Integrated Products MAX810L Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX803/MAX809/MAX810 are microprocessor (µP)
supervisory circuits used to monitor the power supplies
in µP and digital systems. They provide excellent circuit
reliability and low cost by eliminating external compo-
nents and adjustments when used with +5V, +3.3V,
+3.0V, or +2.5V powered circuits.
These circuits perform a single function: they assert a
reset signal whenever the VCC supply voltage declines
below a preset threshold, keeping it asserted for at
least 140ms after VCC has risen above the reset thresh-
old. Reset thresholds suitable for operation with a vari-
ety of supply voltages are available.
The MAX803 has an open-drain output stage, while the
MAX809/MAX810 have push-pull outputs. The
MAX803’s open-drain RESET output requires a pullup
resistor that can be connected to a voltage higher than
VCC. The MAX803/MAX809 have an active-low RESET
output, while the MAX810 has an active-high RESET
output. The reset comparator is designed to ignore fast
transients on VCC, and the outputs are guaranteed to
be in the correct logic state for VCC down to 1V.
Low supply current makes the MAX803/MAX809/
MAX810 ideal for use in portable equipment. The
MAX803 is available in a 3-pin SC70 package, and the
MAX809/MAX810 are available in 3-pin SC70 or SOT23
packages.
Applications
Computers
Controllers
Intelligent Instruments
Critical µP and µC Power Monitoring
Portable/Battery-Powered Equipment
Automotive
____________________________Features
♦♦ Precision Monitoring of +2.5V, +3V, +3.3V, and
+5V Power-Supply Voltages
♦♦ Fully Specified Over Temperature
♦♦ Available in Three Output Configurations
Open-Drain RESET Output (MAX803)
Push-Pull RESET Output (MAX809)
Push-Pull RESET Output (MAX810)
♦♦ 140ms min Power-On Reset Pulse Width
♦♦ 12µA Supply Current
♦♦ Guaranteed Reset Valid to VCC = +1V
♦♦ Power Supply Transient Immunity
♦♦ No External Components
♦♦ 3-Pin SC70 and SOT23 Packages
3-Pin Microprocessor Reset Circuits
________________________________________________________________
Maxim Integrated Products
1
TOP VIEW
RESET (RESET)
1
GND
VCC
MAX803
MAX809
MAX810
SC70-3/SOT23-3
2
3
( ) ARE FOR MAX810.
MAX803 AVAILABLE IN SC70-3 ONLY.
MAX803
MAX809
VCC
VCC
RPULLUP*
RESET
RESET
INPUT
GND
VCC
GND
*MAX803 ONLY
μP
Pin Configuration
Typical Operating Circuit
19-0344; Rev 7; 2/10
Note:
These parts are offered in 2.5k reels, and must be
ordered in 2.5k increments. Insert the desired suffix letter from
the Selector Guide into the blank to complete the part number.
All versions of these products may not be available at the time
of announcement. Contact factory for availability.
Devices are available in both leaded and lead-free packaging.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
Ordering Information
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX803_EXR-T
-40°C to +125°C
3 SC70
MAX803_EXR+T
-40°C to +125°C
3 SC70
MAX809_EXR-T
-40°C to +125°C
3 SC70
MAX809_EXR+T
-40°C to +125°C
3 SC70
MAX809_EUR-T
-40°C to +105°C
3 SOT23
MAX809_EUR+T
-40°C to +105°C
3 SOT23
MAX810_EXR-T
-40°C to +125°C
3 SC70
MAX810_EXR+T
-40°C to +125°C
3 SC70
MAX810_EUR-T
-40°C to +105°C
3 SOT23
MAX810_EUR+T
-40°C to +105°C
3 SOT23


Similar Part No. - MAX810L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX810L MAXIM-MAX810L Datasheet
136Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 4; 12/99
logo
NXP Semiconductors
MAX810L PHILIPS-MAX810L Datasheet
92Kb / 12P
   3-pin microprocessor resets
2003 Aug 08
logo
Maxim Integrated Produc...
MAX810L MAXIM-MAX810L Datasheet
162Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX810L MAXIM-MAX810L Datasheet
194Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
MAX810L MAXIM-MAX810L Datasheet
167Kb / 8P
   MAX803/MAX809/MAX810 3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
More results

Similar Description - MAX810L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX809SEUR-T MAXIM-MAX809SEUR-T Datasheet
194Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
logo
Analog Intergrations Co...
AIC809 AIC-AIC809 Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Union Semiconductor, In...
UM809 UNIONSEMI-UM809 Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com