Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1564ETE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1564ETE
Description  Triple 1.2A USB Switch in 4mm x 4mm Thin QFN
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1564ETE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1564ETE Datasheet HTML 1Page - Maxim Integrated Products MAX1564ETE Datasheet HTML 2Page - Maxim Integrated Products MAX1564ETE Datasheet HTML 3Page - Maxim Integrated Products MAX1564ETE Datasheet HTML 4Page - Maxim Integrated Products MAX1564ETE Datasheet HTML 5Page - Maxim Integrated Products MAX1564ETE Datasheet HTML 6Page - Maxim Integrated Products MAX1564ETE Datasheet HTML 7Page - Maxim Integrated Products MAX1564ETE Datasheet HTML 8Page - Maxim Integrated Products MAX1564ETE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Triple 1.2A USB Switch in 4mm x 4mm
Thin QFN
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN_, ON_, OUT_, SEL, VCC to GND (Note 1)............-0.3V to +6V
FLT_, SETI to GND .....................................-0.3V to (VCC + 0.3V)
IN_ to OUT_ (when disabled, Note 2) .........................-6V to +6V
IN_ to OUT_ (when enabled, Note 3)....................-1.5A to +2.3A
FLT_ Sink Current................................................................20mA
Continuous Power Dissipation
16-Pin 4mm x 4mm Thin QFN
(derate 16.9mW/°C above +70°C) .............................1349mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
ELECTRICAL CHARACTERISTICS
(VIN_= VCC = VSEL = VON_= 5V, RSETI = 26.1kΩ, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 4)
Note 1:
INA, INB, INC, and VCC must be connected together externally.
Note 2:
Reverse current (current from OUT_ to IN_) is blocked when disabled.
Note 3:
Forward and reverse current are internally limited.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
2.75
5.50
V
VIN_ = VCC = 5V, TA = +25°C
60
VIN_ = VCC = 3V, TA = +25°C
80
Switch On-Resistance
VIN_ = VCC = 5V, TA = -40°C to +85°C
30
100
m
IN Standby Supply Current
VON_ = 0V
3
7.5
µA
VONA = 5V,
VONB = VONC = 0V
40
80
VONA = VON0B = 5V,
VONC = 0V
55
100
IN Quiescent Supply Current
IOUT_ = 0A
VONA = VONB = VONC = 5V
60
120
µA
OUT_ Off-Leakage Current
VON_ = 0V, VOUT_ = 0V
0.02
10
µA
Undervoltage-Lockout Threshold
VIN_ rising, 3% hysteresis
2.2
2.5
2.7
V
Continuous Load Current
1.2
A
RSETI = 26.1k
1.20
1.37
1.54
RSETI = 39.2k
0.79
0.91
1.03
Current-Limit Threshold
RSETI = 60.4k
0.49
0.59
0.68
A
RSETI = 26.1k
1.46
1.8
2.20
RSETI = 39.2k
1.2
Short-Circuit Current Limit
(Peak Amps)
VOUT_ = 0V
RSETI = 60.4k
0.77
A
RSETI = 26.1k
0.55
RSETI = 39.2k
0.37
Short-Circuit Current Limit
(RMS Amps)
VOUT_ = 0V
RSETI = 60.4k
0.23
A(RMS)
Short-Circuit/Continuous Current-
Limit Transition Output Voltage
Threshold
(Note 5)
1
V


Similar Part No. - MAX1564ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1564ETE MAXIM-MAX1564ETE Datasheet
324Kb / 11P
   Triple 1.2A USB Switch in 4mm x 4mm Thin QFN
Rev 0; 11/04
More results

Similar Description - MAX1564ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1564 MAXIM-MAX1564 Datasheet
324Kb / 11P
   Triple 1.2A USB Switch in 4mm x 4mm Thin QFN
Rev 0; 11/04
MAX8631X MAXIM-MAX8631X Datasheet
399Kb / 16P
   1x/1.5x/2x White LED Charge Pump with Two LDOs in 4mm x 4mm Thin QFN
Rev 2; 5/06
MAX8631 MAXIM-MAX8631 Datasheet
266Kb / 15P
   1x/1.5x/2x White LED Charge Pump with Two LDOs in 4mm x 4mm Thin QFN
Rev 3; 6/08
MAX8631 MAXIM-MAX8631_08 Datasheet
266Kb / 15P
   1x/1.5x/2x White LED Charge Pump with Two LDOs in 4mm x 4mm Thin QFN
Rev 3; 6/08
logo
Linear Technology
LTC3445 LINER-LTC3445 Datasheet
474Kb / 24P
   I2C Controllable Buck Regulator with Two LDOs in a 4mm 횞 4mm QFN
logo
Hitachi Metals, Ltd
ESI-4AFR2.017G01-T HITACHI-METALS-ESI-4AFR2.017G01-T Datasheet
24Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
ESI-4DCR0.836M01-T HITACHI-METALS-ESI-4DCR0.836M01-T Datasheet
22Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
ESI-4AFR1.444G01-T HITACHI-METALS-ESI-4AFR1.444G01-T Datasheet
24Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
ESI-4AGR1.855G01-T HITACHI-METALS-ESI-4AGR1.855G01-T Datasheet
24Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
ESI-4AFR1.880G01-T HITACHI-METALS-ESI-4AFR1.880G01-T Datasheet
18Kb / 1P
   4mm SQUARE THIN TYPE ISOLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com