Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPC-525-0.5 Datasheet(PDF) 2 Page - EPIGAP optoelectronic GmbH

Part # EPC-525-0.5
Description  Photodiode-Chip
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPIGAP [EPIGAP optoelectronic GmbH]
Direct Link  http://www.epigap-berlin.com
Logo EPIGAP - EPIGAP optoelectronic GmbH

EPC-525-0.5 Datasheet(HTML) 2 Page - EPIGAP optoelectronic GmbH

  EPC-525-0.5 Datasheet HTML 1Page - EPIGAP optoelectronic GmbH EPC-525-0.5 Datasheet HTML 2Page - EPIGAP optoelectronic GmbH EPC-525-0.5 Datasheet HTML 3Page - EPIGAP optoelectronic GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Photodiode-Chip
Preliminary
03.05.2007
rev. 04/07
EPC-525-0.5
Typical sensitivity spectrum
400
450
500
550
600
0,0
0,2
0,4
0,6
0,8
1,0
Wavelength [nm]
-40
-20
0
20
40
60
80
100
120
0,80
0,85
0,90
0,95
1,00
1,05
1,10
1,15
1,20
1,25
1,30
EPIGAPOptoelektronik GmbH
Temperature (°C)
U
R = 5V
TK = 0,25%/K
Relative Photocurrent vs. Temperature of EPC-525-0.5
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Köpenicker Str.325 b, Haus 201
Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
2 of 3


Similar Part No. - EPC-525-0.5

ManufacturerPart #DatasheetDescription
logo
EPIGAP optoelectronic G...
EPC-525-0.5-2 EPIGAP-EPC-525-0.5-2 Datasheet
140Kb / 3P
   Photodiode-Chip
More results

Similar Description - EPC-525-0.5

ManufacturerPart #DatasheetDescription
logo
EPIGAP optoelectronic G...
EPC-440-3.6 EPIGAP-EPC-440-3.6 Datasheet
28Kb / 2P
   Photodiode-Chip
EPC-470-0.5 EPIGAP-EPC-470-0.5 Datasheet
112Kb / 2P
   Photodiode-Chip
EPC-880-0.9-1 EPIGAP-EPC-880-0.9-1 Datasheet
113Kb / 2P
   Photodiode-Chip
EPC-1300-3.0-4 EPIGAP-EPC-1300-3.0-4 Datasheet
128Kb / 2P
   Photodiode-Chip
EPC-440-0.9 EPIGAP-EPC-440-0.9 Datasheet
28Kb / 2P
   Photodiode-Chip
EPC-1300-3.0-1 EPIGAP-EPC-1300-3.0-1 Datasheet
127Kb / 2P
   Photodiode-Chip
EPC-1300-0.5-3 EPIGAP-EPC-1300-0.5-3 Datasheet
128Kb / 2P
   Photodiode-Chip
EPC-1300-0.22-2 EPIGAP-EPC-1300-0.22-2 Datasheet
129Kb / 2P
   Photodiode-Chip
EPC-1300-1.0-4 EPIGAP-EPC-1300-1.0-4 Datasheet
129Kb / 2P
   Photodiode-Chip
EPC-525-2.5 EPIGAP-EPC-525-2.5 Datasheet
136Kb / 3P
   Photodiode-Chip
EPC-660-0.5 EPIGAP-EPC-660-0.5 Datasheet
102Kb / 2P
   Photodiode-Chip
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com