Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TW17-D315-003 Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part # TW17-D315-003
Description  450-470 MHz Front-End Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

TW17-D315-003 Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

Back Button TW17-D315-003 Datasheet HTML 5Page - Skyworks Solutions Inc. TW17-D315-003 Datasheet HTML 6Page - Skyworks Solutions Inc. TW17-D315-003 Datasheet HTML 7Page - Skyworks Solutions Inc. TW17-D315-003 Datasheet HTML 8Page - Skyworks Solutions Inc. TW17-D315-003 Datasheet HTML 9Page - Skyworks Solutions Inc. TW17-D315-003 Datasheet HTML 10Page - Skyworks Solutions Inc. TW17-D315-003 Datasheet HTML 11Page - Skyworks Solutions Inc. TW17-D315-003 Datasheet HTML 12Page - Skyworks Solutions Inc. TW17-D315-003 Datasheet HTML 13Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DATA SHEET • SKY65342-11 FRONT-END MODULE
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201139C • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 26, 2009
9
Layer 1: Top – Metal
Layer 2: Ground
Layer 3: Power Plane
Layer 4: Solid Ground Plane
S1349
Figure 10. SKY65342-11 Evaluation Board Layer Detail


Similar Part No. - TW17-D315-003

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
TW17-D335-007 SKYWORKS-TW17-D335-007 Datasheet
2Mb / 14P
   Power Amplifier for 802.11a WLAN Applications
March 25, 2011
TW17-D390 SKYWORKS-TW17-D390 Datasheet
800Kb / 13P
   900 MHz Front-End Module
More results

Similar Description - TW17-D315-003

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65338-21 SKYWORKS-SKY65338-21 Datasheet
314Kb / 12P
   450-470 MHz Transmit/Receive Front-End Module
SKY66115 SKYWORKS-SKY66115_11 Datasheet
185Kb / 2P
   470 to 510 MHz Front-End Module
SKY65377 SKYWORKS-SKY65377_11 Datasheet
189Kb / 2P
   450 MHz Transmit-Receive Front-End Module
SKY65377-11 SKYWORKS-SKY65377-11 Datasheet
189Kb / 2P
   450 MHz Transmit/Receive Front-End Module
SKY66115-11 SKYWORKS-SKY66115-11 Datasheet
971Kb / 11P
   470 to 510 MHz Front-End Module for Range Extension Applications
SKY65329-NP SKYWORKS-SKY65329-NP Datasheet
800Kb / 13P
   900 MHz Front-End Module
logo
Laird Tech Smart Techno...
FG4500 LSTD-FG4500 Datasheet
383Kb / 1P
   Fiberglass Omnidirectional Antennas 450~470 MHz
logo
Skyworks Solutions Inc.
SKY65366-11 SKYWORKS-SKY65366-11 Datasheet
1Mb / 19P
   400 MHz Transmit/Receive Front-End Module
October 24, 2020
SKY66119-11 SKYWORKS-SKY66119-11 Datasheet
783Kb / 16P
   460 MHz Transmit/Receive Front-End Module
SKY66421-11 SKYWORKS-SKY66421-11 Datasheet
634Kb / 13P
   860 to 930 MHz RF Front-End Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com