Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCTB10-3 Datasheet(PDF) 1 Page - Dubilier

Part # DBCTB10-3
Description  TERMINAL BLOCKS 5MM PITCH 90 SCREW TERMINAL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCTB10-3 Datasheet(HTML) 1 Page - Dubilier

  DBCTB10-3 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
375
TERMINAL BLOCKS
SPECIFICATION
Electrical Characteristics
Rating Current:
17.5A/380V
Contact Resistance:
≥2.5kV/60sec
Insulation Resistance:
≥5MΩ
Operating Temperature: -20°C to +125°C
Short Period:
160°C
Moulding:
UL94-V0 flame retardant Lexan
Pin/terminal:
5µ tinned, nickel plated brass
WIre protector:
Tin plated phosphor bronze
Screw/torque:
M3 steel, 6µ zinc colour passivated and
tropicalised/5Nm
Recommended
PCB hole size:
ø1.1mm
5mm Pitch
Screw Terminal
2 - 12 pole end stackable
2.5mm2 wire acceptance
UL/CE/VDE approved
OUTLINE DRAWING
6
DBC
Dubilier
Connectors
TB
Series
Terminal Blocks
43
Style
/2
No of Ways
2 = 2ways
3 = 3ways
* other number of ways are available
Please consult the office for
further details
5MM PITCH 90° SCREW TERMINAL
TERMINAL BLOCKS
5mm PITCH VERTICAL MOUNT
SPECIFICATION
Rating:
24A/250 Vac
Dielectric Strength:
>2.5KV
Insulation Resistance:
>5MΩ
Working temperature:
-20°C to 125°C
Short Period:
160°
Moulding:
UL94V-0 flame retardant nylon 66
Pin/terminal:
5 micron tinned nickel plated brass
Wire Protector:
Tin plated phosphor bronze
Screw/torque:
M2.5 Zinc Steel / 0.5NM, colour
passivated and tropicalised
Recommended PCB
hole size:
ø1.3mm2
5.00 mm pitch
Stamped insert
Rating 24A/250V
UL/VDE/CE approved
Screw terminal
4.0mm2 wire acceptance
DBC
TB
10
/2
Dubilier
Connectors
Series
Terminal Block
Style
Nº of Ways
2 = 2 ways
3 = 3 ways
* Other Number of ways are available up to 24
Please consult office for further details
2.5
2.6
ORDERING INFORMATION
OUTLINE DRAWING
ORDERING INFORMATION


Similar Part No. - DBCTB10-3

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB10-3 DUBILIER-DBCTB10-3 Datasheet
104Kb / 1P
   TERMINAL BLOCKS 5MM PITCH 90 SCREW TERMINAL
More results

Similar Description - DBCTB10-3

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB43-2 DUBILIER-DBCTB43-2 Datasheet
104Kb / 1P
   TERMINAL BLOCKS 5MM PITCH 90 SCREW TERMINAL
logo
CamdenBoss Ltd.
CTBP1050 CAMDENBOSS-CTBP1050 Datasheet
415Kb / 1P
   5mm pitch standard profile 90˚ screw terminal blocks
CTBP5050 CAMDENBOSS-CTBP5050 Datasheet
415Kb / 1P
   5mm pitch low profile 90° screw terminal blocks
CTBP90HG CAMDENBOSS-CTBP90HG Datasheet
554Kb / 1P
   5mm pitch inline screw PCB terminal blocks
CTBP5000 CAMDENBOSS-CTBP5000 Datasheet
445Kb / 1P
   5mm pitch low profile screw terminal blocks
CTBP90VG CAMDENBOSS-CTBP90VG Datasheet
554Kb / 1P
   5mm pitch inline screw PCB terminal blocks
logo
Dubilier
DBCTB4-2 DUBILIER-DBCTB4-2 Datasheet
107Kb / 1P
   TERMINAL BLOCKS 5mm PITCH 90 MOUNT - LOW PROFILE
logo
CamdenBoss Ltd.
CTBP0750 CAMDENBOSS-CTBP0750 Datasheet
393Kb / 1P
   5mm high power 90° rising clamp terminal blocks
CSTBP500 CAMDENBOSS-CSTBP500 Datasheet
346Kb / 1P
   5mm screwless terminal blocks
CTBP0550 CAMDENBOSS-CTBP0550 Datasheet
412Kb / 1P
   5mm low profile 90° rising clamp terminal blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com