Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCTB6-2 Datasheet(PDF) 1 Page - Dubilier

Part # DBCTB6-2
Description  TERMINAL BLOCKS 5mm PITCH DOUBLE DECK - RISING CLAMP
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCTB6-2 Datasheet(HTML) 1 Page - Dubilier

  DBCTB6-2 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
377
Vertical double decker
5mm pitch
4-6 Pole interlocking
Professional Rising clamp
Captive screws
4mm2 wire acceptance
UL/ VDE/ CE approved
TERMINAL BLOCKS
5mm PITCH DOUBLE DECK - RISING CLAMP
Rating:
24A/380V
Dielectric Strength:
>2.5KV
Insulation Resistance:
>5MΩ
Working temperature:
-20°C to 125°C
Short Period:
160°
Moulding:
UL94V-0 flame retardant nylon 66
Pin/terminal:
5 micron tinned nickel plated brass
Rising clamp:
5 micron Nickel brass
Screw/torque:
M2 steel/0.5Nm 7 micron zinc colour
passivated and tropicalised
Recommended PCB
hole size:
ø1.3mm
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
DBC
Dubilier
Connectors
TB
Series
Terminal Block
6
Style
/2
Nº of Ways
2 = 2 ways
3 = 3 ways
17.5
5
5
5
5
2.5
2.5
12.5
5
5
5
5.5
15
1.5
5
2.5
32.5
5
5.5
5.5
22.5
19
5
5
2.5
ø0.9
15
5mm pitch
Flame Retardant Material
4mm2 wire acceptance
UL/ CE approved
36way strip
Professional rising clamp
Easily cut to required number
of poles
TERMINAL BLOCKS
5mm PITCH PLUG IN VERTICAL OR 90°
SPECIFICATION
Rating:
13.5A/380V
Dielectric Strength:
≥2.5KV/60sec
Insulation Resistance:
≥5MΩ
Working temperature:
-20°C to 125°C
Short Period:
160°
Moulding:
UL94V-0 flame retardant Lexan
Pin/terminal:
5µ tinned, nickel plated brass
Wire protector:
Zinc plated steel
Screw/torque:
M2.5 steel, 6µ zinc colour passivated and
tropicalised/0.4Nm
Recommended PCB
hole size:
ø1.3mm
DBC
TB
63
/2
Dubilier
Connectors
Series
Terminal Block
Style
63=Style 63
64=Style 64
Nº of Ways
2 = 2 ways
3 = 3 ways
* Other Number of ways are available up to 12
Please consult office for further details
L
5
5
2.5
5
5
2.5
2.5
5
5
5
5
2.5
L
5.5
1x07
10.5
L = Length
RO
DUC
NEW
ORDERING INFORMATION
OUTLINE DRAWING
DBCTB63
DBCTB64


Similar Part No. - DBCTB6-2

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB6-2 DUBILIER-DBCTB6-2 Datasheet
129Kb / 1P
   TERMINAL BLOCKS 5mm PITCH DOUBLE DECK - RISING CLAMP
More results

Similar Description - DBCTB6-2

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB63-2 DUBILIER-DBCTB63-2 Datasheet
129Kb / 1P
   TERMINAL BLOCKS 5mm PITCH DOUBLE DECK - RISING CLAMP
logo
CamdenBoss Ltd.
CTBP92VG CAMDENBOSS-CTBP92VG Datasheet
965Kb / 2P
   5mm pitch pluggable rising clamp terminal blocks
CTBP9350 CAMDENBOSS-CTBP9350 Datasheet
965Kb / 2P
   5mm pitch pluggable rising clamp terminal blocks
CTBP3000 CAMDENBOSS-CTBP3000 Datasheet
426Kb / 1P
   5mm pitch 45˚ rising clamp terminal blocks
CTBP9300 CAMDENBOSS-CTBP9300 Datasheet
965Kb / 2P
   5mm pitch pluggable rising clamp terminal blocks
CTBP9200 CAMDENBOSS-CTBP9200 Datasheet
965Kb / 2P
   5mm pitch pluggable rising clamp terminal blocks
CTBPTDVG CAMDENBOSS-CTBPTDVG Datasheet
391Kb / 1P
   5mm triple decker rising clamp terminal blocks
CTB7000 CAMDENBOSS-CTB7000 Datasheet
416Kb / 1P
   5mm pitch 36 pole rising clamp terminal blocks
CTBP0500 CAMDENBOSS-CTBP0500 Datasheet
382Kb / 1P
   5mm pitch low profile rising clamp terminal blocks
CTBP0550 CAMDENBOSS-CTBP0550 Datasheet
412Kb / 1P
   5mm low profile 90° rising clamp terminal blocks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com