Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK40715 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SK40715
Description  2.0-6.0 GHz GaAs SPDT Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SK40715 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SK40715 Datasheet HTML 1Page - Skyworks Solutions Inc. SK40715 Datasheet HTML 2Page - Skyworks Solutions Inc. SK40715 Datasheet HTML 3Page - Skyworks Solutions Inc. SK40715 Datasheet HTML 4Page - Skyworks Solutions Inc. SK40715 Datasheet HTML 5Page - Skyworks Solutions Inc. SK40715 Datasheet HTML 6Page - Skyworks Solutions Inc. SK40715 Datasheet HTML 7Page - Skyworks Solutions Inc. SK40715 Datasheet HTML 8Page - Skyworks Solutions Inc. SK40715 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DATA SHEET • SKY13344-378LF SPDT SWITCH
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
December 17, 2009 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 201095C
Table 1. SKY13344-378LF Signal Descriptions
Pin #
Name
Description
Pin #
Name
Description
1
OUTPUT1
RF port. Must be DC blocked.
4
VCTL2
DC control voltage
2
GND
Ground
5
INPUT
RF port. Must be DC blocked
3
OUTPUT2
RF port. Must be DC blocked.
6
VCTL1
DC control voltage
Table 2. SKY13344-378LF Absolute Maximum Ratings
Parameter
Symbol
Minimum
Typical
Maximum
Units
Input power
>500 MHz, 5 V
>500 MHz, 3 V
PIN
+32
+31
dBm
dBm
Storage temperature
TSTG
–65
+150
C
Operating temperature
TOP
–40
+85
C
Note:
Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
CAUTION: Although this device is designed to be as robust as possible, Electrostatic Discharge (ESD) can damage this device. This device
must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body
or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times.
Table 3. SKY13344-378LF Recommended Operating Conditions
Parameter
Symbol
Minimum
Typical
Maximum
Units
Frequency
f
2.0
6.0
GHz
Control voltage:
low
high
VCTL_L
VCTL_H
0
1.8
0.2
5.0
V
V
Operating temperature
TOP
+25
C
Electrical and Mechanical Specifications
The absolute maximum ratings of the SKY13344-378LF are
provided in Table 2. The recommended operating conditions are
specified in Table 3 and electrical specifications are provided in
Table 4.
Typical performance characteristics of the SKY13344-378LF are
illustrated in Figures 3 through 9.
The state of the SKY13344-378LF is determined by the logic
provided in Table 5.


Similar Part No. - SK40715

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
SK4070C DEC-SK4070C Datasheet
49Kb / 2P
   40 AMP SCHOTTKY BARRIER RECTIFIERS
SK4070C DEC-SK4070C Datasheet
49Kb / 2P
   40 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SK40715

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW6010G MA-COM-MASW6010G Datasheet
70Kb / 4P
   GaAs SPDT Switch DC - 6.0 GHz
logo
Skyworks Solutions Inc.
SKY13335-381LF SKYWORKS-SKY13335-381LF Datasheet
285Kb / 9P
   0.1-6.0 GHz GaAs SPDT Switch
logo
Hexawave, Inc
HWS522_V1 HW-HWS522_V1 Datasheet
61Kb / 2P
   GaAs 0.5-6.0 GHz SPDT Switch
logo
M/A-COM Technology Solu...
MASW6010G MA-COM-MASW6010G_15 Datasheet
489Kb / 5P
   GaAs SPDT Switch DC - 6.0 GHz
logo
Skyworks Solutions Inc.
SKY13320-374LF SKYWORKS-SKY13320-374LF Datasheet
163Kb / 9P
   0.1-6.0 GHz GaAs SPDT Switch
logo
Tyco Electronics
MASW-007588 MACOM-MASW-007588 Datasheet
89Kb / 3P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0070 MACOM-MASWSS0070 Datasheet
119Kb / 4P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0093 MACOM-MASWSS0093 Datasheet
184Kb / 3P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
MASWSS0202 MACOM-MASWSS0202 Datasheet
218Kb / 4P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0070 MA-COM-MASWSS0070 Datasheet
105Kb / 5P
   GaAs Broadband SPDT Switch DC - 6.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com