Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SKY65052-372LF Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part No. SKY65052-372LF
Description  0.45-6.0 GHz Low Noise Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

SKY65052-372LF Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201088A • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • June 2, 2009
1
PRELIMINARY DATA SHEET
SKY65052-372LF: 0.45-6.0 GHz Low Noise Transistor
Applications
• Wireless infrastructure: WLAN, WiMAX, broadband, cellular base
stations
• Test instrumentation
• LNA for GPS receivers
• Satellite receivers
Features
• Externally matched for wideband operation
• Noise Figure = 0.6 dB @ 2.4 GHz of device only
• Noise figure = 0.85 dB @ 2.4 GHz including matching network
loss
• Gain = 16 dB @ 2.4 GHz
• OIP3 = +34 dBm @ 2.4 GHz
• P1dB = +19 dBm @ 2.4 GHz
• Adjustable supply current, 15 to 100 mA
• Unconditionally stable to 18 GHz with reference design circuit
• Small, SC-70 (4-pin, 2.20 x 1.35 x 1.10 mm) Pb-free package
(MSL3, 260
°C per JEDEC J-STD-020)
Figure 1. SKY65052-372LF Block Diagram
Description
The SKY65052-372LF is a high performance, n-channel low-
noise transistor. The device is fabricated from Skyworks
advanced depletion mode pHEMT process and is provided in a
2.20 x 1.35 x 1.10 mm, 4-pin SC-70 package.
The transistor’s low Noise Figure (NF), high gain, and excellent 3rd
Order Intercept Point (IP3) allow the device to be used in various
receiver and transmitter applications.
A functional block diagram is shown in Figure 1. The pin
configuration and package are shown in Figure 2. Signal pin
assignments and functional pin descriptions are provided in
Table 1.
1
2
3
4
S1417
Figure 2. SKY65052-372LF Pinout – 4-Pin SC-70
(Top View)


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn