Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SKY65052-372LF Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part No. SKY65052-372LF
Description  0.45-6.0 GHz Low Noise Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

SKY65052-372LF Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

   
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PRELIMINARY DATA SHEET • SKY65052-372LF LOW NOISE TRANSISTOR
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
8
June 2, 2009 • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • 201088A
1.80/2.20
Pin 1
Pin 1
0.15/0.30
0.575/0.700
1.80/2.40
1.15/1.35
0.10/0.30
0.10/0.40
0.10/0.18
0.65
0.80/1.00
0.00/0.10
0.80/1.10
0.5
A
0.65
0.10 A
S1409
Dimensioning and tolerancing according to ASME Y14.5M-1994.
All measurements are in millimeters
Figure 12. SKY65052-372LF 4-Pin SC-70 Package Dimensions
Notes:
1.
10 sprocket hole pitch cumuilative tolerance
±0.2.
2.
Camber in compliance with EIA 481.
3.
Pocket position relative to sprocket hole measured
as true position of pocket, not pocket hole.
4.
Ao and Bo are calculated on a plane at a distance “R”
above the bottom of the pocket.
5.
Carrier tape: black conductive polycarbonate or polystyrene.
6.
Cover tape material: transparent conductive PSA.
7.
Cover tape size: 21.3mm width.
8.
All measurements are in millimeters.
ϕ1.50 + 0.10/–0.0
ϕ1.00 Min.
R0.25 Typ.
A
2.00 ± 0.05 (See Note 3)
0.25 ± 0.05
R0.20 Max
1.75 ± 0.10
3.50 ± 0.05
(See Note 3)
4.00
0.75
0.70
Bo
Ao
Ko
(0.55)
4.00 (See Note 1)
A
A
S1510
Ao = 2.35
Bo = 2.55
Ko = 1.25
Figure 13. SKY65052-372LF Tape and Reel Dimensions


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn