Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SKY65052-372LF Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part No. SKY65052-372LF
Description  0.45-6.0 GHz Low Noise Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

SKY65052-372LF Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PRELIMINARY DATA SHEET • SKY65052-372LF LOW NOISE TRANSISTOR
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
6
June 2, 2009 • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • 201088A
Table 5. SKY65052-372LF Evaluation Board Bill of Materials
Component
Value
Size
Manufacturer/Part Series
C1
33 pF
0402
Murata GRM015
C2
1.2 pF
0402
Murata GJM015
C3
0.3 pF
0402
Murata GJM015
C4, C5, C8, C9, C14
DNP
C6
10000 pF
0402
Murata GRM015
C7
10000 pF
0402
Murata GRM015
C10
10000 pF
0402
Murata GRM015
C11
4.7 pF
0402
Murata GJM015
C12
0.3 pF
0402
Murata GJM015
C13
3.9 pF
0402
Murata GRM015
C15
1000 pF
0402
Murata GRM015
L1
12 nH
0402
Coilcraft HP
L2
2 nH
0402
Coilcraft HP
L3
DNP
L4
5.6 nH
0402
Coilcraft HP
L5
0
Ω
0402
Panasonic
L6
6.8 nH
0402
Taiyo Yuden HK
R1
4.7
Ω
0402
Panasonic
R2
7.5
Ω
0402
Panasonic
Package Dimensions
The PCB layout footprint for the SKY65052-372LF is shown in
Figure 10. Typical case markings are shown in Figure 11.
Package dimensions for the 4-pin SC-70 are shown in Figure 12,
and tape and reel dimensions are provided in Figure 13.
Package and Handling Information
Since the device package is sensitive to moisture absorption, it is
baked and vacuum packed before shipping. Instructions on the
shipping container label regarding exposure to moisture after the
container seal is broken must be followed. Otherwise, problems
related to moisture absorption may occur when the part is
subjected to high temperature during solder assembly.
THE SKY65052-372LF is rated to Moisture Sensitivity Level 3
(MSL3) at 260
°C. It can be used for lead or lead-free soldering.
Care must be taken when attaching this product, whether it is
done manually or in a production solder reflow environment.
Production quantities of this product are shipped in a standard
tape and reel format. For packaging details, refer to the Skyworks
Application Note, Discrete Devices and IC Switch/Attenuators
Tape and Reel Package Orientation, document number 200083.
Electrostatic Discharge (ESD) Sensitivity
The SKY65052-372LF is a static-sensitive electronic device. Do
not operate or store near strong electrostatic fields. Take proper
ESD precautions.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn