Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY65047-360LF Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # SKY65047-360LF
Description  0.4-3.0 GHz Low Noise Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65047-360LF Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SKY65047-360LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65047-360LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65047-360LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65047-360LF Datasheet HTML 9Page - Skyworks Solutions Inc. SKY65047-360LF Datasheet HTML 10Page - Skyworks Solutions Inc. SKY65047-360LF Datasheet HTML 11Page - Skyworks Solutions Inc. SKY65047-360LF Datasheet HTML 12Page - Skyworks Solutions Inc. SKY65047-360LF Datasheet HTML 13Page - Skyworks Solutions Inc. SKY65047-360LF Datasheet HTML 14Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
PRELIMINARY DATA SHEET • SKY65047-360LF LOW NOISE AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
10
June 1, 2009 • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • 201084A
Layer 1: Top – Metal
Layer 2: Ground
Layer 3: Power Plane
Layer 4: Solid Ground Plane
S1494
Figure 18. SKY65047-360LF Evaluation Board Layer Detail
(2450 MHz)


Similar Part No. - SKY65047-360LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65047-360LF SKYWORKS-SKY65047-360LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SKY65047-360LF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8412 AD-HMC8412 Datasheet
430Kb / 18P
   Low Noise Amplifier, 0.4 GHz to 11 GHz
HMC8412CHIPS AD-HMC8412CHIPS Datasheet
485Kb / 21P
   Low Noise Amplifier, 0.4 GHz to 10 GHz
logo
Tyco Electronics
MAAL-007304 MACOM-MAAL-007304 Datasheet
204Kb / 4P
   Low Noise Amplifier 0.5 - 3.0 GHz
MAAL-008550 MACOM-MAAL-008550 Datasheet
297Kb / 6P
   Low Noise Amplifier 0.5 - 3.0 GHz
logo
Agilent(Hewlett-Packard...
INA-54063 HP-INA-54063 Datasheet
117Kb / 10P
   3.0 GHz Low Noise Silicon MMIC Amplifier
logo
Analog Devices
ADL8104 AD-ADL8104 Datasheet
617Kb / 23P
   Wideband, High Linearity, Low Noise Amplifier, 0.4 GHz to 7.5 GHz
logo
Hittite Microwave Corpo...
HMC374 HITTITE-HMC374_09 Datasheet
219Kb / 6P
   SMT PHEMT LOW NOISE AMPLIFIER, 0.3 - 3.0 GHz
HMC374 HITTITE-HMC374 Datasheet
249Kb / 6P
   SMT PHEMT LOW NOISE AMPLIFIER, 0.3 - 3.0 GHz
logo
M/A-COM Technology Solu...
MAAL-007304 MA-COM-MAAL-007304 Datasheet
211Kb / 4P
   Low Noise Amplifier 0.5 - 3.0 GHz Rev. V4
logo
Hittite Microwave Corpo...
HMC548LP3 HITTITE-HMC548LP3_09 Datasheet
348Kb / 8P
   SiGe HBT MMIC LOW NOISE AMPLIFIER, 1.2 - 3.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com