Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SKY65080-70LF Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part No. SKY65080-70LF
Description  1500-2500 MHz Low Noise Power Amplifier Driver
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

SKY65080-70LF Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

 
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201042D • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • October 5, 2009
1
PRELIMINARY DATA SHEET
SKY65080-70LF: 1500-2500 MHz Low Noise Power Amplifier
Driver
Applications
UHF television
TETRA radios
PCS, DCS, 2.5G, 3G handsets
ISM band transmitters
WCS fixed wireless
802.16 WiMAX
3GPP LTE
Features
Wideband frequency range: 1500 to 2500 MHz
Low Noise Figure: 2.3 dB
High linearity: IIP3 = +25.5 dBm
Output P1dB = +21 dBm
High gain: 15 dB
Single DC supply: +5 V
On-chip bias circuit
SOT-89 (4-pin, 2.4 x 4.5 mm) package (MSL1, 260
°C per
JEDEC J-STD-020)
Skyworks offers lead (Pb)-free RoHS (Restriction of
Hazardous Substances) compliant packaging.
12
3
4
RF_IN
RF_OUT
GND
GND
S244
Figure 1. SKY65080-70LF Pinout – 4-Pin SOT Package
(Top View)
Description
Skyworks SKY65080-70LF is a high performance, ultra-wideband
Power Amplifier (PA) driver with superior output power, low noise,
linearity, and efficiency. The device provides a 2.3 dB Noise
Figure (NF) and an output power at 1 dB compression of
+21 dBm, making the SKY65080-70LF ideal for use in the driver
stage of infrastructure transmit chains.
The SKY65080-70LF uses low-cost Surface-Mount Technology
(SMT) in the form of a 4-pin, 2.4 x 4.5 mm Small Outline
Transistor (SOT) package. The device package and pinout are
shown in Figure 1 and a functional block diagram is provided in
Figure 2.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn