Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SKY65080-70LF Datasheet(PDF) 9 Page - Skyworks Solutions Inc.

Part No. SKY65080-70LF
Description  1500-2500 MHz Low Noise Power Amplifier Driver
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

SKY65080-70LF Datasheet(HTML) 9 Page - Skyworks Solutions Inc.

 
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
PRELIMINARY DATA SHEET • SKY65080-70LF PA DRIVER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201042D • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • October 5, 2009
9
C3
C2
C1
L1
Output
Input
VCC = 5 V
1
2
3
4
M3
M2
M1
M4
M5
M6
M8
M7
R1
S1377
Figure 12. SKY65080-70LF Evaluation Board Schematic
(1700 MHz to 2000 MHz, IIP3 Matched)
Table 5. SKY65080-70LF (SOT-89 Package) Evaluation Board Bill of Materials
Component
Size
Value
Vendor
Part Number
C1
0805
10
μF
C2
0603
2.7 pF
C3
0603
DNI
L1
0603
4.7 nH
M1
0603
DNI
M2
0603
3.6 pF
*** TBD ***
*** TBD ***
M3
0603
2.2 nH
M4
0603
1.8 pF
M5
0603
DNI
M6
0603
1.5 nH
M7
0603
33 pF
M8
0603
DNI
R1
0603
0
Ω


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn