Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SKY65080-70LF Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part No. SKY65080-70LF
Description  1500-2500 MHz Low Noise Power Amplifier Driver
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

SKY65080-70LF Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

 
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PRELIMINARY DATA SHEET • SKY65080-70LF PA DRIVER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201042D • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • October 5, 2009
5
2.1
2.2
2.0
2.3
2.4
2.6
2.7
2.5
2.8
2.9
1600
1700
1800
1900
2000
2100
Frequency (MHz)
5.2 V
5.0 V
4.8 V
Figure 6. Noise Figure vs Frequency Over VCC
12.5
13.0
12.0
13.5
14.0
15.0
15.5
14.5
16.0
16.5
–5
0
+5
+10
+15
+20
+25
Output Power (dBm)
5.2 V
5.0 V
4.8 V
Figure 7. Typical Gain vs Output power Over VCC
(CW @ 1800 MHz)
10
11
12
13
15
16
14
17
18
–10
0
+10
+20
+30
Output Power (dBm)
1900 MHz
2000 MHz
1800 MHz
1700 MHz
Figure 8. Gain vs Output Power Over Frequency


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn