Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SKY65080-70LF Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part No. SKY65080-70LF
Description  1500-2500 MHz Low Noise Power Amplifier Driver
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

SKY65080-70LF Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

 
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PRELIMINARY DATA SHEET • SKY65080-70LF PA DRIVER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
4
October 5, 2009 • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • 201042D
+25.0
+25.5
+26.0
+26.5
+24.0
+24.5
+27.0
+27.5
+28.0
1700
1750
1800
1850
1900
1950
2000
Frequency (MHz)
5.2 V
5.0 V
4.8 V
Figure 3. Typical IIP3 vs Frequency Over VCC
(Input = –10 dBm CW)
+25
+26
+24
+27
+28
+20
+21
+19
+22
+23
–12
–10
–8
–6
–4
Input Power (dBm)
5.2 V
5.0 V
4.8 V
Figure 4. Typical IIP3 vs Input Power Over VCC @ 1700 MHz
15.0
15.5
14.5
16.0
16.5
14.0
1700
1750
1800
1850
1900
1950
2000
Frequency (MHz)
5.2 V
5.0 V
4.8 V
Figure 5. Gain vs Frequency Over VCC


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn