Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SKY65080-70LF Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part No. SKY65080-70LF
Description  1500-2500 MHz Low Noise Power Amplifier Driver
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SKYWORKS [Skyworks Solutions Inc.]
Homepage  http://www.skyworksinc.com
Logo 

SKY65080-70LF Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

 
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PRELIMINARY DATA SHEET • SKY65080-70LF PA DRIVER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201042D • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • October 5, 2009
3
Table 2. SKY65080-70LF Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Supply voltage
VCC
6
V
RF output power
POUT
+24
dBm
Supply current
ICC
100
mA
Power dissipation
PD
0.6
W
Operating case temperature
TC
–40
+85
°C
Storage temperature
TST
–55
+125
°C
Junction temperature
TJ
+150
°C
Note:
Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal values. Exceeding any of the limits listed here may result in permanent damage to the device.
CAUTION: Although this device is designed to be as robust as possible, Electrostatic Discharge (ESD) can damage this device. This
device must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the
human body or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all
times.
Table 3. SKY65080-70LF Recommended Operating Conditions
Parameter
Symbol
Min
Typical
Max
Units
Supply voltage
VCC
4.75
5.0
5.5
V
Operating frequency
f
1500
1750
2500
MHz
Operating case temperature
TJ
–40
+25
+85
°C
Table 4. SKY65080-70LF Electrical Characteristics (Note 1)
(VCC = +5 V, TC = 25 °C, f = 1850 MHz, Unless Otherwise Noted)
Parameter
Symbol
Test Conditions
Min
Typical
Max
Units
Frequency
f
1700
1850
2000
MHz
Small signal gain
G
PIN = –15 dBm
14
15
dB
Input return loss
|S11|
PIN = –15 dBm
9
dB
Output return loss
|S22|
PIN = –15 dBm
8
dB
Reverse transmission loss
|S12|
PIN = –15 dBm
23
dB
Output power @ 1 dB compression
OP1dB
CW
+21
dBm
Operating current @ OP1dB
ICC_OP1DB
75
mA
Power Added Efficiency
PAE
@ OP1dB
32
%
Third order input intercept point
IIP3
PIN/tone = –10 dBm,
Δf = 1 MHz
+24.0
+25.5
dBm
Third order output intercept point
OIP3
PIN/tone = –10 dBm,
Δf = 1 MHz
+39.0
+40.5
dBm
Noise Figure
NF
Small signal
2.3
3.0
dB
Quiescent current
ICCQ
No RF
66
mA
Note 1: Performance is guaranteed only under the conditions listed in this Table and is not guaranteed over the full operating or storage temperature ranges. Operation at elevated
temperatures may reduce reliability of the device.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn