Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY12334-362LF Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SKY12334-362LF
Description  GaAs 5 Bit Digital Attenuator, 5-Bits, 0.5 dB LSB with Serial-to-Parallel Driver 0.7 - 4 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY12334-362LF Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SKY12334-362LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY12334-362LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY12334-362LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY12334-362LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY12334-362LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY12334-362LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY12334-362LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY12334-362LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY12334-362LF Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Data Sheet • SKY12334-362LF
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201031 Rev. B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • May 8, 2009
3
Absolute Maximum Ratings
Performance is guaranteed only under the conditions listed in the specifications table and is
not guaranteed under the full range(s) described by the Absolute Maximum specifications.
Exceeding any of the absolute maximum/minimum specifications may result in permanent
damage to the device and will void the warranty.
CAUTION: Although this device is designed to be as robust as
possible, ESD (Electrostatic Discharge) can damage
this device. This device must be protected at all
times from ESD. Static charges may easily produce
potentials of several kilovolts on the human body or
equipment, which can discharge without detection.
Industry-standard ESD precautions must be employed
at all times.
Electrical Specifications
VCC = 5 V, VCTL = 0/5 V, T = 25 °C, PINPUT = 0 dBm, Z0 = 50 W, CBLK = 47 pF unless otherwise noted
Characteristic
Value
RF input power @ 5 V
30 dBm
Supply voltage (VCC)
6 V
Control voltage
-0.2 V, +8 V
Operating temperature
-40 °C to +85 °C
Storage temperature
-65 °C to +150 °C
85 °C
-40 °C
25 °C
Insertion Loss
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.51.0
1.52.0
2.53.0
3.54.0
Frequency (GHz)
8 dB
15.5 dB
4 dB
Insertion Loss
2 dB
0.5 dB
1 dB
Return Loss: Major States
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0.51.0
1.52.0
2.53.0
3.54.0
Frequency (GHz)


Similar Part No. - SKY12334-362LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY12332-310LF SKYWORKS-SKY12332-310LF Datasheet
236Kb / 6P
   6-Bit Digital Attenuator with Driver LF-1 GHz, 0.5 dB LSB, 31.5 dB Range
More results

Similar Description - SKY12334-362LF

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC305LP4 HITTITE-HMC305LP4 Datasheet
499Kb / 8P
   0.5 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC305LP4 HITTITE-HMC305LP4_10 Datasheet
352Kb / 8P
   0.5 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC305ALP4 HITTITE-HMC305ALP4 Datasheet
980Kb / 8P
   0.5 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC305LP4 HITTITE-HMC305LP4_09 Datasheet
349Kb / 8P
   0.5 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC306MS10 HITTITE-HMC306MS10 Datasheet
185Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC306MS10 HITTITE-HMC306MS10_06 Datasheet
324Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC306MS10 HITTITE-HMC306MS10_08 Datasheet
235Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC306AMS10 HITTITE-HMC306AMS10 Datasheet
733Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
logo
Analog Devices
HMC306AMS10 AD-HMC306AMS10 Datasheet
301Kb / 4P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
logo
Skyworks Solutions Inc.
SKY12322-86LF SKYWORKS-SKY12322-86LF Datasheet
563Kb / 6P
   GaAs Digital Attenuator 500 MHz-4 GHz 5 Bits, 0.5 dB LSB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com