Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLA4602-210 Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # CLA4602-210
Description  Silicon Limiter Diodes, Packaged and Bondable Chips
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CLA4602-210 Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  CLA4602-210 Datasheet HTML 1Page - Skyworks Solutions Inc. CLA4602-210 Datasheet HTML 2Page - Skyworks Solutions Inc. CLA4602-210 Datasheet HTML 3Page - Skyworks Solutions Inc. CLA4602-210 Datasheet HTML 4Page - Skyworks Solutions Inc. CLA4602-210 Datasheet HTML 5Page - Skyworks Solutions Inc. CLA4602-210 Datasheet HTML 6Page - Skyworks Solutions Inc. CLA4602-210 Datasheet HTML 7Page - Skyworks Solutions Inc. CLA4602-210 Datasheet HTML 8Page - Skyworks Solutions Inc. CLA4602-210 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DATA SHEET • CLA SERIES DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
September 28, 2009 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200100I
Table 1. CLA Series Absolute Maximum Ratings
Parameter
Symbol
Minimum
Typical
Maximum
Units
Power dissipation
PDIS
case
to
junction
J
ce
tan
sis
Re
Thermal
Temp
Case
T
Maximum
W
Reverse voltage
VR
Minimum rated breakdown voltage
V
Forward current
IF
200
mA
Junction temperature
TJ
–65
+175
C
Storage temperature
TSTG
–65
+200
C
Note:
Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other
parameters set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
CAUTION: Although this device is designed to be as robust as possible, Electrostatic Discharge (ESD) can damage this device. This device
must be protected at all times from ESD. Static charges may easily produce potentials of several kilovolts on the human body
or equipment, which can discharge without detection. Industry-standard ESD precautions should be used at all times.
Table 2. CLA Series Electrical Specifications (Note 1)
(TOP = +25 C, CJ Measured at 1 MHz, RS Measured at 500 MHz, CW Thermal Resistance for Infinite Heat Sink, Pulse Thermal Resistance
for Single 1
μs Pulse, Unless Otherwise Noted)
Thermal Impedance (
θ)
Breakdown
Voltage (V)
I Region
(
μm)
Junction
Capacitance
(CJ) @ 0 V
(pF)
Junction
Capacitance
(CJ) @ 6 V
(pF)
Series
Resistance (RS)
@ 10 mA
(
Ω)
Minority
Carrier
Lifetime (TL)
@ 10 mA
(ns)
Average
( C/W)
1
μs Pulse
( C/W)
Part Number
Min – Max
Nominal
Typical
Maximum
Maximum
Typical
Maximum
Typical
CLA4601-000
15 – 30
1
0.12
0.10
2.5
5
120
15
CLA4602-000
15 – 30
1
0.20
0.15
2.0
5
80
10
CLA4603-000
20 – 45
1.5
0.20
0.15
2.0
5
100
10
CLA4604-000
30 – 60
2.0
0.12
0.10
2.5
7
100
10
CLA4605-000
30 – 60
2.0
0.20
0.15
2.0
7
70
7.0
CLA4606-000
45 – 75
2.5
0.20
0.15
2.0
10
80
7.0
CLA4607-000
120 – 180
7.0
0.20
0.15 @ 50 V
2.0
50
40
1.2
CLA4608-000
120 – 180
7.0
0.80
0.50 @ 50 V
1.2
100
15
0.3
CLA4609-000
250 (Min.)
28
0.26
0.14
1.5
1175
15
0.3
Note 1: Performance is guaranteed only under the conditions listed in this Table and is not guaranteed over the full operating or storage temperature ranges. Operation at elevated
temperatures may reduce reliability of the device.


Similar Part No. - CLA4602-210

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CLA4602-210 SKYWORKS-CLA4602-210 Datasheet
402Kb / 9P
   Silicon Limiter Diodes and Ceramic Hermetic Packaged Devices
July 10, 2017
More results

Similar Description - CLA4602-210

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV2019 SKYWORKS-SMV2019_1 Datasheet
497Kb / 5P
   Silicon Hyperabrupt Junction Varactors, Packaged and Bondable Planar Chips
CLA-SERIES SKYWORKS-CLA-SERIES Datasheet
402Kb / 9P
   Silicon Limiter Diodes and Ceramic Hermetic Packaged Devices
July 10, 2017
SMP1330 SKYWORKS-SMP1330 Datasheet
547Kb / 2P
   Plastic Packaged Limiter Diodes
SMP1330 SKYWORKS-SMP1330_15 Datasheet
461Kb / 6P
   Plastic Packaged Limiter Diodes
CLA4601-000 SKYWORKS-CLA4601-000 Datasheet
159Kb / 4P
   Silicon Limiter Diode Chips
logo
M/A-COM Technology Solu...
MADL-0110 MA-COM-MADL-0110_15 Datasheet
175Kb / 5P
   Silicon PIN Limiter Diodes
logo
List of Unclassifed Man...
MA4L401-30 ETC2-MA4L401-30 Datasheet
191Kb / 7P
   Silicon PIN Limiter Diodes
logo
M/A-COM Technology Solu...
MADL-0110 MA-COM-MADL-0110 Datasheet
175Kb / 5P
   Silicon PIN Limiter Diodes
MA4L MA-COM-MA4L_15 Datasheet
724Kb / 8P
   Silicon PIN Limiter Diodes
MA4L MA-COM-MA4L Datasheet
164Kb / 6P
   Silicon PIN Limiter Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com