Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLA4602-210 Datasheet(PDF) 11 Page - Skyworks Solutions Inc.

Part # CLA4602-210
Description  Silicon Limiter Diodes, Packaged and Bondable Chips
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

CLA4602-210 Datasheet(HTML) 11 Page - Skyworks Solutions Inc.

Back Button CLA4602-210 Datasheet HTML 4Page - Skyworks Solutions Inc. CLA4602-210 Datasheet HTML 5Page - Skyworks Solutions Inc. CLA4602-210 Datasheet HTML 6Page - Skyworks Solutions Inc. CLA4602-210 Datasheet HTML 7Page - Skyworks Solutions Inc. CLA4602-210 Datasheet HTML 8Page - Skyworks Solutions Inc. CLA4602-210 Datasheet HTML 9Page - Skyworks Solutions Inc. CLA4602-210 Datasheet HTML 10Page - Skyworks Solutions Inc. CLA4602-210 Datasheet HTML 11Page - Skyworks Solutions Inc. CLA4602-210 Datasheet HTML 12Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DATA SHEET • CLA SERIES DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200100I • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • September 28, 2009
11
Hermetic Packages (Continued)
0.075 (1.91 mm)
0.065 (1.65 mm)
Sq.
0.045 (1.14 mm)
0.030 (0.76 mm)
1
Cathode
2
12
0.020 (0.51 mm) Typ.
0.033 (0.84 mm)
Min.
0.010 (0.24 mm)
Ref.
Schematic
S1564
Figure 17. -219 Package
-011 (240)
1
2
1
2
Schematic
Colored Dot
Denotes Cathode
50°
45°
0.175 (4.44 mm)
0.125 (3.18 mm)
2 Plcs.
0.104 (2.64 mm)
0.092 (2.34 mm)
Sq.
0.042 (1.06 mm)
0.028 (0.71 mm)
0.005 (1.27 mm)
0.003 (0.76 mm)
0.098 (2.49 mm)
0.092 (2.34 mm)
Cover Dia.
0.022 (0.56 mm)
0.018 (0.46 mm)
2 Plcs.
S1568
Figure 18. -240 Package


Similar Part No. - CLA4602-210

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
CLA4602-210 SKYWORKS-CLA4602-210 Datasheet
402Kb / 9P
   Silicon Limiter Diodes and Ceramic Hermetic Packaged Devices
July 10, 2017
More results

Similar Description - CLA4602-210

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV2019 SKYWORKS-SMV2019_1 Datasheet
497Kb / 5P
   Silicon Hyperabrupt Junction Varactors, Packaged and Bondable Planar Chips
CLA-SERIES SKYWORKS-CLA-SERIES Datasheet
402Kb / 9P
   Silicon Limiter Diodes and Ceramic Hermetic Packaged Devices
July 10, 2017
SMP1330 SKYWORKS-SMP1330 Datasheet
547Kb / 2P
   Plastic Packaged Limiter Diodes
SMP1330 SKYWORKS-SMP1330_15 Datasheet
461Kb / 6P
   Plastic Packaged Limiter Diodes
CLA4601-000 SKYWORKS-CLA4601-000 Datasheet
159Kb / 4P
   Silicon Limiter Diode Chips
logo
M/A-COM Technology Solu...
MADL-0110 MA-COM-MADL-0110_15 Datasheet
175Kb / 5P
   Silicon PIN Limiter Diodes
logo
List of Unclassifed Man...
MA4L401-30 ETC2-MA4L401-30 Datasheet
191Kb / 7P
   Silicon PIN Limiter Diodes
logo
M/A-COM Technology Solu...
MADL-0110 MA-COM-MADL-0110 Datasheet
175Kb / 5P
   Silicon PIN Limiter Diodes
MA4L MA-COM-MA4L_15 Datasheet
724Kb / 8P
   Silicon PIN Limiter Diodes
MA4L MA-COM-MA4L Datasheet
164Kb / 6P
   Silicon PIN Limiter Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com