Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TW16-D280-031 Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # TW16-D280-031
Description  2.4-2.5 GHz WLAN Power Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

TW16-D280-031 Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button TW16-D280-031 Datasheet HTML 3Page - Skyworks Solutions Inc. TW16-D280-031 Datasheet HTML 4Page - Skyworks Solutions Inc. TW16-D280-031 Datasheet HTML 5Page - Skyworks Solutions Inc. TW16-D280-031 Datasheet HTML 6Page - Skyworks Solutions Inc. TW16-D280-031 Datasheet HTML 7Page - Skyworks Solutions Inc. TW16-D280-031 Datasheet HTML 8Page - Skyworks Solutions Inc. TW16-D280-031 Datasheet HTML 9Page - Skyworks Solutions Inc. TW16-D280-031 Datasheet HTML 10Page - Skyworks Solutions Inc. TW16-D280-031 Datasheet HTML 11Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DATA SHEET • SKY65152-11 POWER AMPLIFIER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200968F • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • October 19, 2009
7
Evaluation Board Description
The SKY65152-11 Evaluation Board is used to test the
performance of the SKY65152-11 PA. An Evaluation Board
schematic diagram is provided in Figure 15. An assembly drawing
for the Evaluation Board is shown in Figure 16.
An Evaluation Board layer detail drawing is shown in Figure 17.
Layer detail physical characteristics are noted in Figure 18.
Table 5 provides the Bill of Materials (BOM) list for Evaluation
Board components.
Circuit Design Considerations
The following design considerations are general in nature and
must be followed regardless of final use or configuration:
1. Paths to ground should be made as short as possible.
2. The ground pad of the SKY65152-11 has special electrical
and thermal grounding requirements. This pad is the main
thermal conduit for heat dissipation. Since the circuit board
acts as the heat sink, it must shunt as much heat as possible
from the device. Therefore, design the connection to the
ground pad to dissipate the maximum wattage produced by
the circuit board. Multiple vias to the grounding layer are
required.
3. Bypass capacitors should be used on the DC supply lines. An
RF inductor is required on the VCC supply line to block RF
signals from the DC supply. Refer to the schematic drawing in
Figure 15 for further details.
4. The RF lines should be well separated from each other with
solid ground in between traces to maximize input-to-output
isolation.
NOTE: A poor connection between the slug and ground increases
junction temperature (TJ), which reduces the lifetime of the
device.
Evaluation Board Test Procedure
Step 1: Connect a +5 V supply to the VCC1, VCC2, VCC3, VREF1,
VREF2, VREF3, VC_BIAS, VCC_DET, and PA_ENB pins. If
available, enable the current limiting function of the
power supply to 1000 mA.
Step 2: If desired, connect a voltage meter to the V_DET pin.
Step 3: Connect a signal generator to the RF signal input port.
Set it to the desired RF frequency at a power level of
–15 dBm or less to the Evaluation Board. DO NOT enable
the RF signal.
Step 4: Connect a spectrum analyzer to the RF signal output port.
Step 5: Enable the power supply.
Step 6: Enable the RF signal.
Step 7: Take measurements.
CAUTION: If the input signal exceeds the rated power, the
SKY65152-11 Evaluation Board can be permanently
damaged.
NOTE: It is important to adjust the VCC voltage source so that
+5 V is measured at the board. The high collector currents
will drop the collector voltage significantly if long leads are
used. Adjust the bias voltage to compensate.
RF Input
1
2
3
4
5
6
78
9
10
16
17
18
19
20
15
14
13
12
11
PA Enable (0-5 V)
Bias Voltage (5 V)
Reference Voltage (5 V)
RF Output
C5
8.2 pF
R5
300
Ω
C15
10
μF
C8
8.2 pF
C16
10
μF
C7
8.2 pF
C6
3300 pF
C10
8.2 pF
C17
10
μF
GND
GND
PA_ENB
VC_BIAS
VREF1
VREF2
VCC1
VCC_DET
V_DET
VCC2
N/C
VCC3
L2
27 nH
Collector Voltage 1 (5 V)
Collector Voltage 2 (5 V)
Collector Voltage 3 (5 V)
Detector Supply Voltage (5 V)
Detector Output
S1502
C1
3300 pF
C2
3300 pF
C11
10
μF
R1
560
Ω
R2
180
Ω
R3
180
Ω
×
SKY65152-11
Figure 15. SKY65152-11 Evaluation Board Schematic


Similar Part No. - TW16-D280-031

ManufacturerPart #DatasheetDescription
logo
Tallysman Wireless Inc.
TW1600 TALLYSMAN-TW1600 Datasheet
221Kb / 2P
   TW1600 Dual Feed Iridium짰 Antenna
More results

Similar Description - TW16-D280-031

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65152 SKYWORKS-SKY65152 Datasheet
1Mb / 12P
   2.4-2.5 GHz WLAN Power Amplifier
SKY65006-348LF SKYWORKS-SKY65006-348LF Datasheet
2Mb / 15P
   2.4-2.5 GHz WLAN/Zigbee Power Amplifier
SKY65174-21 SKYWORKS-SKY65174-21 Datasheet
1Mb / 13P
   2.4 to 2.5 GHz WLAN Power Amplifier Module
logo
Microchip Technology
SST12LN01 MICROCHIP-SST12LN01 Datasheet
227Kb / 12P
   2.4-2.5 GHz WLAN Low-Noise Amplifier
2015
logo
Broadcom Corporation.
MGA-43024 BOARDCOM-MGA-43024 Datasheet
1Mb / 18P
   2.4 GHz WLAN Power Amplifier Module
logo
AVAGO TECHNOLOGIES LIMI...
MGA-43024 AVAGO-MGA-43024 Datasheet
1Mb / 18P
   2.4 GHz WLAN Power Amplifier Module
logo
List of Unclassifed Man...
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
   2.4~2.5 GHz Power Amplifier
AP1091 ETC-AP1091 Datasheet
246Kb / 7P
   2.4~2.5 GHz Power Amplifier
logo
Silicon Storage Technol...
SST12LP00 SST-SST12LP00 Datasheet
489Kb / 14P
   2.4-2.5 GHz Power Amplifier
logo
ANADIGICS, Inc
RFSP2020 ANADIGICS-RFSP2020 Datasheet
79Kb / 4P
   2.4-2.5 GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com