Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TW17-D440-001 Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # TW17-D440-001
Description  390 - 1500 MHz Low Noise Power Amplifier Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

TW17-D440-001 Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button TW17-D440-001 Datasheet HTML 6Page - Skyworks Solutions Inc. TW17-D440-001 Datasheet HTML 7Page - Skyworks Solutions Inc. TW17-D440-001 Datasheet HTML 8Page - Skyworks Solutions Inc. TW17-D440-001 Datasheet HTML 9Page - Skyworks Solutions Inc. TW17-D440-001 Datasheet HTML 10Page - Skyworks Solutions Inc. TW17-D440-001 Datasheet HTML 11Page - Skyworks Solutions Inc. TW17-D440-001 Datasheet HTML 12Page - Skyworks Solutions Inc. TW17-D440-001 Datasheet HTML 13Page - Skyworks Solutions Inc. TW17-D440-001 Datasheet HTML 14Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
December 3, 2008 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200960 Rev. E
Data Sheet • SKY65045-70LF
10
5.5 V
4.5 V
5.0 V
Small Signal Gain vs. Frequency across VCC
12.5
13.0
13.5
14.0
14.5
15.0
15.5
16.0
824
849
880
897
915
960
Frequency (MHz)
5.5 V
4.5 V
5.0 V
ls22l vs. Frequency across VCC
Frequency (MHz)
-21
-20
-19
-18
-17
-16
-15
824
849
880
897
915
960
+85 °C
-40 °C
+25 °C
ls11l vs. Frequency across temperature
824
849
880
897
915
960
Frequency (MHz)
-14.0
-13.5
-13.0
-12.5
-12.0
-11.5
-11.0
-10.5
-10.0
5.5 V
4.5 V
5.0 V
ls11l vs. Frequency across VCC
824
849
880
897
915
960
Frequency (MHz)
-14.0
-13.5
-13.0
-12.5
-12.0
-11.5
-11.0
-10.5
-10.0
+85 °C
-40 °C
+25 °C
Small Signal Gain vs. Frequency
across temperature
12.5
13.0
13.5
14.0
14.5
15.0
15.5
16.0
824
849
880
897
915
960
Frequency (MHz)
ls22l vs. Frequency across temperature
824
849
880
897
915960
Frequency (MHz)
-21
-20
-19
-18
-17
-16
-15
+85 °C
-40 °C
+25 °C
Typical Performance Data
VCC = 5 V, F = 897.5 MHz, CW, Zo = 50 Ω, TC = 25 °C, unless otherwise noted


Similar Part No. - TW17-D440-001

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
TW17-D475-001 SKYWORKS-TW17-D475-001 Datasheet
251Kb / 12P
   2.4 GHz Transmit/Receive Front-End Module with Integrated LNA
TW17-D475-001 SKYWORKS-TW17-D475-001 Datasheet
249Kb / 12P
   2.4 GHz Transmit/Receive Front-End Module
More results

Similar Description - TW17-D440-001

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65080-70LF SKYWORKS-SKY65080-70LF Datasheet
172Kb / 11P
   1500-2500 MHz Low Noise Power Amplifier Driver
SKY67013-396LF SKYWORKS-SKY67013-396LF_15 Datasheet
2Mb / 15P
   300 to 1500 MHz Low-Noise, Low-Current Amplifier
SKY65116 SKYWORKS-SKY65116 Datasheet
2Mb / 14P
   390-500 MHz Linear Power Amplifier
SKY65094-360LF SKYWORKS-SKY65094-360LF Datasheet
999Kb / 16P
   698 to 915 MHz Low-Noise Power Amplifier Driver
SKY65095-360LF SKYWORKS-SKY65095-360LF Datasheet
4Mb / 24P
   1600 to 2100 MHz Low-Noise Power Amplifier Driver
SKY65081-70LF SKYWORKS-SKY65081-70LF Datasheet
881Kb / 10P
   2000 to 3000 MHz Low-Noise Power Amplifier Driver
SKY65173-70LF SKYWORKS-SKY65173-70LF Datasheet
1,010Kb / 11P
   869 to 960 MHz Low-Noise Linear Power Amplifier Driver
SKY67013_396LF SKYWORKS-SKY67013_396LF Datasheet
2Mb / 15P
   300 to 1500 MHz Low-Noise, Low-Current
logo
BeRex Corporation
BT013 BEREX-BT013_18 Datasheet
1Mb / 15P
   1500-4000 MHz Medium Power Amplifier
BCT013 BEREX-BCT013 Datasheet
811Kb / 13P
   1500-4000 MHz Medium Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com