Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCSDMSS50S Datasheet(PDF) 1 Page - Dubilier

Part # DBCSDMSS50S
Description  D TYPE CONNECTORS LOW COST D CONNECTORS - PCB SOLDER PIN STRAIGHT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCSDMSS50S Datasheet(HTML) 1 Page - Dubilier

  DBCSDMSS50S Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
253
OUTLINE DRAWING
D TYPE CONNECTORS LOW COST
D CONNECTORS - PCB SOLDER PIN STRAIGHT
SPECIFICATION
ORDERING INFORMATION
F
2.84
C
B
A
10°
E
2.77
D
G
1.30
0.60
1.00
5.00
11.00
6.00
2-ø3.1
F
2.84
C
B
A
10°
E
2.77
D
G
1.30
0.60
1.00
5.00
11.00
6.00
2-ø3.1
F
2.84
C
B
A
10°
E
2.77
D
G
1.30
0.60
1.00
5.00
11.00
6.00
2-ø3.1
9, 15, 25, 37 or 50 way
Stamped & Formed Contact
Selective Gold Plated Contacts
Tin Plated Metal Housing
Current Ratings - 5Amps
Low Cost
Material:
Insulator:
PBT +30% Glass Fibre
UL94V-0
Pin contacts:
Phosphor Bronze
Gold Plated
Shell:
Steel, SPCC
Nickel and Tin Plated
Electrical Data:
Rated Voltage:
350V AC
Rated Current:
5A
Withstand Voltage:
500V AC(rms)
Insulation Resistance:
Over 1000 MΩ
Contact Resistance:
5 MΩ AT 1A
Temperature:
-40°C to 100°C
DBC
SD
M
SS
Dubilier
Connectors
Series
SD=Stamped&
FormedPinD
ContactType
M=Male(plug)
F=Female(socket)
ContactStyle
SS=SolderStraight
NºofWays
09=9ways
15=15ways
25=25ways
37=37ways
50=50ways
Contactplating
S=SelectiveGold
Plating
09
S
A
B
C
D
E
F
G
9 WAY
16.30
25.00 30.80 19.30
7.90
12.50
10.70
15 WAY
24.70
33.30 39.10 27.50
7.90
12.50
10.70
25 WAY
38.40
47.00
53.00 41.30
7.90
12.50
10.70
37 WAY
54.80
63.50 69.30 57.70
7.90
12.50
10.70
50 WAY
52.40
61.10
66.90 55.30
10.80
15.40
13.60
A
B
C
D
E
F
G
9 WAY
16.90
25.00 30.80 19.30
8.10
12.50
10.70
15 WAY
25.30
33.30 39.10 27.50
8.10
12.50
10.70
25 WAY
39.00
47.00
53.00 41.30
8.10
12.50
10.70
37 WAY
55.10
63.50 69.30 57.70
8.10
12.50
10.70
50 WAY
52.80
61.10
66.90 55.30
11.10
15.40
13.60
Dimension-mm(Male)
Dimension-mm(Female)


Similar Part No. - DBCSDMSS50S

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCSDMSB09S DUBILIER-DBCSDMSB09S Datasheet
128Kb / 1P
   D TYPE CONNECTORS LOW COST D TYPE CONNECTORS - SOLDER BUCKET
DBCSDMSB15S DUBILIER-DBCSDMSB15S Datasheet
128Kb / 1P
   D TYPE CONNECTORS LOW COST D TYPE CONNECTORS - SOLDER BUCKET
DBCSDMSB25S DUBILIER-DBCSDMSB25S Datasheet
128Kb / 1P
   D TYPE CONNECTORS LOW COST D TYPE CONNECTORS - SOLDER BUCKET
DBCSDMSB37S DUBILIER-DBCSDMSB37S Datasheet
128Kb / 1P
   D TYPE CONNECTORS LOW COST D TYPE CONNECTORS - SOLDER BUCKET
DBCSDMSB50S DUBILIER-DBCSDMSB50S Datasheet
128Kb / 1P
   D TYPE CONNECTORS LOW COST D TYPE CONNECTORS - SOLDER BUCKET
More results

Similar Description - DBCSDMSS50S

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCHDFSS26S DUBILIER-DBCHDFSS26S Datasheet
205Kb / 1P
   D TYPE CONNECTORS LOW COST HIGH DENSITY SOLDER PIN STRAIGHT
DBCSDMSB09S DUBILIER-DBCSDMSB09S Datasheet
128Kb / 1P
   D TYPE CONNECTORS LOW COST D TYPE CONNECTORS - SOLDER BUCKET
DBCSDMSR209GXX DUBILIER-DBCSDMSR209GXX Datasheet
125Kb / 1P
   D TYPE CONNECTORS LOW COST PCB SOLDER PIN RIGHT ANGLE - EUROPEAN FOOTPRINT
DBCSDMSR109GXX DUBILIER-DBCSDMSR109GXX Datasheet
116Kb / 1P
   D TYPE CONNECTORS LOW COST PCB SOLDER PIN RIGHT ANGLE - US SHORT FOOTPRINT
DBCTDM1SS093 DUBILIER-DBCTDM1SS093 Datasheet
115Kb / 1P
   D TYPE CONNECTORS - TURNED PIN PCB STRAIGHT PIN
DBCIDCDM09SA1P DUBILIER-DBCIDCDM09SA1P Datasheet
127Kb / 1P
   D TYPE CONNECTORS LOW COST D CONNECTORS - IDC
DBCCDM09 DUBILIER-DBCCDM09 Datasheet
126Kb / 1P
   D TYPE CONNECTORS LOW COST
DBCFDMSS09E3 DUBILIER-DBCFDMSS09E3 Datasheet
125Kb / 1P
   FILTERED D CONNECTORS SOLDER PIN STRAIGHT
DBCHDFSB26S DUBILIER-DBCHDFSB26S_11 Datasheet
617Kb / 4P
   D TYPE CONNECTORS LOW COST HIGH DENSITY SOLDER BUCKET
DBCHDFSB26S DUBILIER-DBCHDFSB26S Datasheet
148Kb / 1P
   D TYPE CONNECTORS LOW COST HIGH DENSITY SOLDER BUCKET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com