Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TW17-D780 Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # TW17-D780
Description  1805 - 1890 MHz High Performance VCO/Synthesizer With Integrated Switch
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

TW17-D780 Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button TW17-D780 Datasheet HTML 4Page - Skyworks Solutions Inc. TW17-D780 Datasheet HTML 5Page - Skyworks Solutions Inc. TW17-D780 Datasheet HTML 6Page - Skyworks Solutions Inc. TW17-D780 Datasheet HTML 7Page - Skyworks Solutions Inc. TW17-D780 Datasheet HTML 8Page - Skyworks Solutions Inc. TW17-D780 Datasheet HTML 9Page - Skyworks Solutions Inc. TW17-D780 Datasheet HTML 10Page - Skyworks Solutions Inc. TW17-D780 Datasheet HTML 11Page - Skyworks Solutions Inc. TW17-D780 Datasheet HTML 12Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
DATA SHEET • SKY73121-11 VCO/SYNTHESIZER
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
8
December 1, 2009 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200888B
Table 8. DPLL Digital Control Bits
Serial Port Name
Load Register Word 1 Bit
Recommended Operating Value (Binary)
dpll_clk_dly(0)
2
0
dpll_clk_dly(1)
3
0
dpll_temp_comp(0)
4
0
dpll_temp_comp(1)
5
0
dpll_temp_comp(2)
6
0
dpll_temp_comp(3)
7
0
dpll_temp_comp(4)
8
0
dpll_temp_comp_en
9
0
dpll_ext_test(0)
10
0
dpll_ext_test(1)
11
0
dpll_ext_test(2)
12
0
dpll_ext_test(3)
13
0
dpll_ext_test(4)
14
0
dpll_ext_test(5)
15
0
dpll_ext_test(6)
16
0
dpll_ext_test(7)
17
0
dpll_flag_override
18
0
dpll_flag_value
19
0
S998
DC Power On
Hardware Auto Reset
Clear dpll_en
(Word 1, Bit [20])
Clear dpll_en
(Word 1, Bit [20])
Send Word 0, 1, 2, and 3
Send Word 1
Frequency Change
Set dpll_en
(Word 1, Bit [20])
Set dpll_en
(Word 1, Bit [20])
Lock on New Frequency
Send Only Changed
Words
Send Word 1
Lock on New Frequency
Figure 5. VCO Auto-Tuning Enable Process Flow Due to POR or Frequency Change


Similar Part No. - TW17-D780

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
TW17-D730 SKYWORKS-TW17-D730 Datasheet
273Kb / 14P
   161.92 MHz High Performance VCO/Synthesizer
More results

Similar Description - TW17-D780

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY73101 SKYWORKS-SKY73101 Datasheet
158Kb / 13P
   1800-1990 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73112 SKYWORKS-SKY73112 Datasheet
154Kb / 13P
   750-850 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73103 SKYWORKS-SKY73103 Datasheet
172Kb / 18P
   1460-1665 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73112-11 SKYWORKS-SKY73112-11_09 Datasheet
274Kb / 22P
   750-850 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73103-11 SKYWORKS-SKY73103-11_09 Datasheet
244Kb / 22P
   1460-1665 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY72300-362 SKYWORKS-SKY72300-362 Datasheet
179Kb / 13P
   750-850 MHz High Performance VCO/Synthesizer With Integrated Switch
SKY73100 SKYWORKS-SKY73100 Datasheet
157Kb / 13P
   865-960 MHz High Performance VCO/Synthesizer With Integrated Switch
logo
Hittite Microwave Corpo...
HMC838LP6CE HITTITE-HMC838LP6CE Datasheet
1Mb / 12P
   FRACTIONAL-N SYNTHESIZER WITH INTEGRATED VCO 795 - 945, 1590 - 1890, 3180 - 3780 MHz
logo
National Semiconductor ...
LMX2531LQ1500E NSC-LMX2531LQ1500E_08 Datasheet
480Kb / 24P
   High Performance Frequency Synthesizer System with Integrated VCO
LMX2531LQ1500E NSC-LMX2531LQ1500E Datasheet
562Kb / 23P
   High Performance Frequency Synthesizer System with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com