Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY13298-360LF Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SKY13298-360LF
Description  GaAs SP2T Switch for Ultra Wideband (UWB) 3 - 8 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13298-360LF Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SKY13298-360LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY13298-360LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13298-360LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13298-360LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13298-360LF Datasheet HTML 5Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DATA SHEET • SKY13298-360LF
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200797 Rev. C • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • July 28, 2008
5
Copyright © 2002, 2003, 2004, 2005, 2006, 2007, 2008, Skyworks Solutions, Inc. All Rights Reserved.
Information in this document is provided in connection with Skyworks Solutions, Inc. (“Skyworks”) products or services. These materials, including the information contained herein, are provided
by Skyworks as a service to its customers and may be used for informational purposes only by the customer. Skyworks assumes no responsibility for errors or omissions in these materials or the
information contained herein. Skyworks may change its documentation, products, services, specifications or product descriptions at any time, without notice. Skyworks makes no commitment to
update the materials or information and shall have no responsibility whatsoever for conflicts, incompatibilities, or other difficulties arising from any future changes.
No license, whether express, implied, by estoppel or otherwise, is granted to any intellectual property rights by this document. Skyworks assumes no liability for any materials, products or
information provided hereunder, including the sale, distribution, reproduction or use of Skyworks products, information or materials, except as may be provided in Skyworks Terms and
Conditions of Sale.
THE MATERIALS, PRODUCTS AND INFORMATION ARE PROVIDED “AS IS” WITHOUT WARRANTY OF ANY KIND, WHETHER EXPRESS, IMPLIED, STATUTORY, OR OTHERWISE, INCLUDING FITNESS FOR A
PARTICULAR PURPOSE OR USE, MERCHANTABILITY, PERFORMANCE, QUALITY OR NON-INFRINGEMENT OF ANY INTELLECTUAL PROPERTY RIGHT; ALL SUCH WARRANTIES ARE HEREBY EXPRESSLY
DISCLAIMED. SKYWORKS DOES NOT WARRANT THE ACCURACY OR COMPLETENESS OF THE INFORMATION, TEXT, GRAPHICS OR OTHER ITEMS CONTAINED WITHIN THESE MATERIALS. SKYWORKS
SHALL NOT BE LIABLE FOR ANY DAMAGES, INCLUDING BUT NOT LIMITED TO ANY SPECIAL, INDIRECT, INCIDENTAL, STATUTORY, OR CONSEQUENTIAL DAMAGES, INCLUDING WITHOUT LIMITATION,
LOST REVENUES OR LOST PROFITS THAT MAY RESULT FROM THE USE OF THE MATERIALS OR INFORMATION, WHETHER OR NOT THE RECIPIENT OF MATERIALS HAS BEEN ADVISED OF THE
POSSIBILITY OF SUCH DAMAGE.
Skyworks products are not intended for use in medical, lifesaving or life-sustaining applications, or other equipment in which the failure of the Skyworks products could lead to personal injury,
death, physical or environmental damage. Skyworks customers using or selling Skyworks products for use in such applications do so at their own risk and agree to fully indemnify Skyworks for any
damages resulting from such improper use or sale.
Customers are responsible for their products and applications using Skyworks products, which may deviate from published specifications as a result of design defects, errors, or operation of
products outside of published parameters or design specifications. Customers should include design and operating safeguards to minimize these and other risks. Skyworks assumes no liability for
applications assistance, customer product design, or damage to any equipment resulting from the use of Skyworks products outside of stated published specifications or parameters.
Skyworks, the Skyworks symbol, and “Breakthrough Simplicity” are trademarks or registered trademarks of Skyworks Solutions, Inc., in the United States and other countries. Third-party brands and
names are for identification purposes only, and are the property of their respective owners. Additional information, including relevant terms and conditions, posted at www.skyworksinc.com, are
incorporated by reference.


Similar Part No. - SKY13298-360LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13290-313LF SKYWORKS-SKY13290-313LF Datasheet
220Kb / 6P
   PHEMT 10 W SPDT Switch 500 MHz-2.5 GHz
SKY13292-365LF SKYWORKS-SKY13292-365LF Datasheet
1Mb / 14P
   4 x 2 Switch Matrix with Tone/Voltage Decoder 250 MHz-2.15 GHz
SKY13296-340LF SKYWORKS-SKY13296-340LF Datasheet
418Kb / 6P
   GaAs SP4T Absorptive Switch 20 MHz??.5 GHz
SKY13299-321LF SKYWORKS-SKY13299-321LF Datasheet
277Kb / 5P
   GaAs SPDT 7 W Switch 100 MHz-4 GHz
SKY13299-321LF SKYWORKS-SKY13299-321LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SKY13298-360LF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0006 MACOM-MASWSS0006 Datasheet
239Kb / 5P
   GaAs SP2T 2.5V High Power Switch DC - 3 GHz
logo
Johanson Technology Inc...
5500BL15U0100 JOHANSON-5500BL15U0100 Datasheet
121Kb / 2P
   UWB Balun (3 - 8 GHz)
logo
M/A-COM Technology Solu...
MASW-009588 MA-COM-MASW-009588 Datasheet
260Kb / 4P
   GaAs SP2T Switch
MASW-009588 MA-COM-MASW-009588_15 Datasheet
687Kb / 5P
   GaAs SP2T Switch
logo
Tyco Electronics
MA4GC6773 MACOM-MA4GC6773 Datasheet
150Kb / 3P
   77 GHz GaAs SP2T PIN Diode Switch
logo
M/A-COM Technology Solu...
MASW-009444 MA-COM-MASW-009444 Datasheet
82Kb / 4P
   GaAs SP2T 1.8 V Switch DC - 6.0 GHz
MASW-007072-000100 MA-COM-MASW-007072-000100 Datasheet
162Kb / 5P
   GaAs SP2T Absorptive Switch
logo
Tyco Electronics
MASW-007072-000100 MACOM-MASW-007072-000100 Datasheet
246Kb / 5P
   GaAs SP2T Switch, Absorptive, Switch with ASIC Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
MASW-009444 MA-COM-MASW-009444_15 Datasheet
544Kb / 5P
   GaAs SP2T 1.8 V Switch
MASW-009444 MA-COM-MASW-009444 Datasheet
82Kb / 4P
   GaAs SP2T 1.8 V Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com