Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCRJ12P44 Datasheet(PDF) 1 Page - Dubilier

Part # DBCRJ12P44
Description  MODULAR PLUGS - ROUND CABLE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCRJ12P44 Datasheet(HTML) 1 Page - Dubilier

  DBCRJ12P44 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
360
ORDERING INFORMATION
NETWORKING PLUGS
SPECIFICATION
OUTLINE DRAWING
Material
Mates with FCC-68 Style jacks
Plugs are available for standard or solid wire
range 24-26 AWG (gauge).
One piece construction with prelocated contact
Housing:
Polycarbonate, UL94V-O; UL94V-2
Contacts:
Phosphor bronze, selective gold plated in
contact area over 100 micro-inch nickel plated
Shield:
Nickel Plated, brass
Mechanical
Cable to plug Tensile Strength: 20lbs (89N)min.
Durability; 200 mating cycle.
Electrical
UL Application:
150V AC max at 1.5 A
Dielectric
Withstanding Voltage: 1,000 AC
Dielectric
Withstanding Voltage: 1,000 AC
Insulation Resistance: 500 MΩ or more
Termination
Resistance:
35 mΩ max after
environmental testing
DBC
RJ45
P
88
R
Dubilier
Connectors
Series
RJ
RJ
RJ11
RJ12
RJ45
ConnectorType
P=Plug
NºofWaysxNºof
LoadedContacts
4x2
4x4
6x4
6x6
8x8
Style
R=RoundCable
TypePlug
4.98
2.54
7.62
.56 Ref
6.05
3.25
9.65
.56 Ref
3.25
6.10
13.34 Ref
5.89
6.60
2.77
13.34 Ref
5.89
6.60
2.77
13.51 Ref
5.89
7.92
2.77
21.46
6.60
11.68
.56 Ref
8.89
8 7 6 5 4 3 2 1
4.98
2.54
7.62
.56 Ref
6.05
3.25
9.65
.56 Ref
3.25
6.10
13.34 Ref
5.89
6.60
2.77
13.34 Ref
5.89
6.60
2.77
13.51 Ref
5.89
7.92
2.77
21.46
6.60
11.68
.56 Ref
8.89
8 7 6 5 4 3 2 1
4.98
2.54
7.62
.56 Ref
6.05
3.25
9.65
.56 Ref
3.25
6.10
13.34 Ref
5.89
6.60
2.77
13.34 Ref
5.89
6.60
2.77
13.51 Ref
5.89
7.92
2.77
21.46
6.60
11.68
.56 Ref
8.89
8 7 6 5 4 3 2 1
Suitable for round cables
4, 6 and 8 way available
Selective gold plating contacts
UL approved
RJ
RJII+12
RJ45
MODULAR PLUGS - ROUND CABLE


Similar Part No. - DBCRJ12P44

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCRJ12P44F DUBILIER-DBCRJ12P44F Datasheet
123Kb / 1P
   NETWORKING PLUGS MODULAR PLUGS - FLAT CABLE
More results

Similar Description - DBCRJ12P44

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCRJ45P88F DUBILIER-DBCRJ45P88F Datasheet
123Kb / 1P
   NETWORKING PLUGS MODULAR PLUGS - FLAT CABLE
logo
Winchester Electronics ...
BD45000 WINCHESTER-BD45000 Datasheet
268Kb / 1P
   Modular Plugs
logo
Adam Technologies, Inc.
MTP-44 ADAM-TECH-MTP-44 Datasheet
225Kb / 2P
   MODULAR TELEPHONE PLUGS
logo
Tyco Electronics
5-641334-7 MACOM-5-641334-7 Datasheet
34Kb / 1P
   Unshielded Modular Plugs
logo
Kycon, Inc.
GLX-M KYCON-GLX-M Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GDCX-P KYCON-GDCX-P Datasheet
424Kb / 1P
   MODULAR JACKS AND PLUGS
logo
List of Unclassifed Man...
GD-A-88K ETC-GD-A-88K Datasheet
138Kb / 1P
   MODULAR JACKS AND PLUGS
logo
Kycon, Inc.
GAX KYCON-GAX Datasheet
855Kb / 1P
   MODULAR JACKS AND PLUGS
GDWLX KYCON-GDWLX Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
GDX KYCON-GDX Datasheet
1Mb / 1P
   MODULAR JACKS AND PLUGS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com