Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCPHC3404AG1 Datasheet(PDF) 1 Page - Dubilier

Part # DBCPHC3404AG1
Description  PIN HEADERS SINGLE ROW SMT STRAIGHT 2.0MM
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCPHC3404AG1 Datasheet(HTML) 1 Page - Dubilier

  DBCPHC3404AG1 Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
183
PIN HEADERS
SINGLE ROW SMT STRAIGHT 2.0MM
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
Industry compatible
Competitively priced
Gold plated contacts
No. of contacts 02 to 43
2.00mm pitch
DBC
PH
C34
10
A
Dubilier
Connectors
PinHeader
Connector
Series
No.ofContacts
02=2way
throto
43=43way
ContactMaterial
A=Brass
ContactPlating
G=GoldPlating
G
Colour
1=Black
1
X
Y
2.0
2.0
2.0
E
3.9
1.1
6.6
F
F
G
G
mm
mm
mm
E
0.5
x
2.00 * Position No.
y
2.00 * (Position No.-1)
Material & Finish
Contact Material:
Brass
Insulator Material:
PBT&Glass-FibreReinforcedUL94V-0
Current Rating:
1ADC
Contact Resistance:
30MΩMaxat6VDC0.3A
Insulator Resistance:
1000MΩMinat500VDC
Dielectric Withstanding
Voltage:
500VACforOneMinute
Operating Temperature:
-40°Cto+105°C


Similar Part No. - DBCPHC3404AG1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCPHC3002AG1-XXX DUBILIER-DBCPHC3002AG1-XXX Datasheet
118Kb / 1P
   PIN HEADERS DUAL ROW RIGHT ANGLE 2.00mm
DBCPHC3002AS1-XXX DUBILIER-DBCPHC3002AS1-XXX Datasheet
118Kb / 1P
   PIN HEADERS DUAL ROW RIGHT ANGLE 2.00mm
DBCPHC3002AT1-XXX DUBILIER-DBCPHC3002AT1-XXX Datasheet
118Kb / 1P
   PIN HEADERS DUAL ROW RIGHT ANGLE 2.00mm
DBCPHC3003AG1-XXX DUBILIER-DBCPHC3003AG1-XXX Datasheet
118Kb / 1P
   PIN HEADERS DUAL ROW RIGHT ANGLE 2.00mm
DBCPHC3003AS1-XXX DUBILIER-DBCPHC3003AS1-XXX Datasheet
118Kb / 1P
   PIN HEADERS DUAL ROW RIGHT ANGLE 2.00mm
More results

Similar Description - DBCPHC3404AG1

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCPHC2332AG1-XXX DUBILIER-DBCPHC2332AG1-XXX Datasheet
149Kb / 1P
   PIN HEADERS SINGLE ROW SMT STRAIGHT
DBCPHC4504AG1-XXX DUBILIER-DBCPHC4504AG1-XXX Datasheet
115Kb / 1P
   PIN HEADERS SINGLE ROW SMT STRAIGHT 1.27mm
DBCPHC1504AG1-XXX DUBILIER-DBCPHC1504AG1-XXX Datasheet
111Kb / 1P
   PIN HEADERS SINGLE ROW STRAIGHT
DBCPHC4732AG1-XXX DUBILIER-DBCPHC4732AG1-XXX Datasheet
91Kb / 1P
   PIN HEADERS DUAL ROW SMT STRAIGHT 1.27mm
DBCPHC3510AG1 DUBILIER-DBCPHC3510AG1 Datasheet
102Kb / 1P
   PIN HEADER DUAL ROW STRAIGHT SMT - 2.0MM
DBCPHC2707AG1-XXX DUBILIER-DBCPHC2707AG1-XXX Datasheet
100Kb / 1P
   PIN HEADERS SINGLE ROW STRAIGHT 2.00mm
DBCPHC0910AG1 DUBILIER-DBCPHC0910AG1 Datasheet
101Kb / 1P
   PIN HEADERS SINGLE ROW STRAIGHT 1.27MM
DBCPHC3710AG1 DUBILIER-DBCPHC3710AG1 Datasheet
102Kb / 1P
   PIN HEADERS DUAL BODY DUAL ROW - 2.0MM
DBCPHC1704AG1-XXX DUBILIER-DBCPHC1704AG1-XXX Datasheet
103Kb / 1P
   PIN HEADERS DUAL ROW STRAIGHT
DBCPHC2109AG1-XXX DUBILIER-DBCPHC2109AG1-XXX Datasheet
103Kb / 1P
   PIN HEADERS TRIPLE ROW STRAIGHT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com