Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBCPHC3003AG1-XXX Datasheet(PDF) 1 Page - Dubilier

Part # DBCPHC3003AG1-XXX
Description  PIN HEADERS DUAL ROW RIGHT ANGLE 2.00mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier

DBCPHC3003AG1-XXX Datasheet(HTML) 1 Page - Dubilier

  DBCPHC3003AG1-XXX Datasheet HTML 1Page - Dubilier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
182
PIN HEADERS
DUAL ROW RIGHT ANGLE 2.00mm
SPECIFICATION
OUTLINE DRAWING
ORDERING INFORMATION
Industry compatible
Competitively priced
Various plated contacts available
2.00mm pitch
DBC
PH
C30
04
Dubilier
Connectors
PinHeader
Connector
Series
ContactPlating
G=GoldFlash
S=Selective
T=TinPlated
Colour
1=Black
G
ContactMaterial
A=Brass
A
1
NºofWays
4.0
A
B
2.0
2.0
0.5
2.0
3.9
8.7
2.8
4.0
A
B
2.0
2.0
0.5
2.0
3.9
8.7
2.8
4.0
A
B
2.0
2.0
0.5
2.0
3.9
8.7
2.8
A = 2.00mm x N° of Positions
B = (2.00mm x N° of Positions)-1
Forotherdimensionvariationspleaseconsultoffice
02=2x2way
Throto
40=40x2way
UniqueSpecial
Code
*SeeBelow
-XXX
*Dubilier will allocate a special code to
distinguish pin lengths if required
Material & Finish
Contact Material:
Brass
Insulator Material:
PBT&Glass-FibreReinforcedUL94V-0
Current Rating:
1ADC
Contact Resistance:
30MΩMaxat6VDC0.3A
Insulator Resistance:
1000MΩMinat500VDC
Dielectric Withstanding
Voltage:
500VACforOneMinute
Operating Temperature:
-40°Cto+105°C


Similar Part No. - DBCPHC3003AG1-XXX

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCPHC3402AG1 DUBILIER-DBCPHC3402AG1 Datasheet
98Kb / 1P
   PIN HEADERS SINGLE ROW SMT STRAIGHT 2.0MM
DBCPHC3403AG1 DUBILIER-DBCPHC3403AG1 Datasheet
98Kb / 1P
   PIN HEADERS SINGLE ROW SMT STRAIGHT 2.0MM
DBCPHC3404AG1 DUBILIER-DBCPHC3404AG1 Datasheet
98Kb / 1P
   PIN HEADERS SINGLE ROW SMT STRAIGHT 2.0MM
DBCPHC3406AG1 DUBILIER-DBCPHC3406AG1 Datasheet
98Kb / 1P
   PIN HEADERS SINGLE ROW SMT STRAIGHT 2.0MM
DBCPHC3407AG1 DUBILIER-DBCPHC3407AG1 Datasheet
98Kb / 1P
   PIN HEADERS SINGLE ROW SMT STRAIGHT 2.0MM
More results

Similar Description - DBCPHC3003AG1-XXX

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCPHC2804AG1-XXX DUBILIER-DBCPHC2804AG1-XXX Datasheet
107Kb / 1P
   PIN HEADERS SINGLE ROW RIGHT ANGLE 2.00mm
DBCPHC1804AG1-XXX DUBILIER-DBCPHC1804AG1-XXX Datasheet
114Kb / 1P
   PIN HEADERS DUAL ROW RIGHT ANGLE
DBCPHC1204AG1-XXX DUBILIER-DBCPHC1204AG1-XXX Datasheet
77Kb / 1P
   PIN HEADERS DUAL ROW RIGHT ANGLE 1.27MM
DBCPHC2904AG1-XXX DUBILIER-DBCPHC2904AG1-XXX Datasheet
112Kb / 1P
   PIN HEADERS DUAL ROW STRAIGHT 2.00mm
DBCPHC2206AG1-XXX DUBILIER-DBCPHC2206AG1-XXX Datasheet
137Kb / 1P
   PIN HEADERS TRIPLE ROW RIGHT ANGLE
DBCPHC1010AG1 DUBILIER-DBCPHC1010AG1 Datasheet
103Kb / 1P
   PIN HEADERS SINGLE ROW RIGHT ANGLE 1.27MM
DBCPHC2707AG1-XXX DUBILIER-DBCPHC2707AG1-XXX Datasheet
100Kb / 1P
   PIN HEADERS SINGLE ROW STRAIGHT 2.00mm
DBCPHC1704AG1-XXX DUBILIER-DBCPHC1704AG1-XXX Datasheet
103Kb / 1P
   PIN HEADERS DUAL ROW STRAIGHT
logo
Major League Electronic...
TSHR-2-D MAJOR-LEAGUE-TSHR-2-D Datasheet
96Kb / 1P
   .079cl Dual Row - Right Angle Terminal Strip Headers
logo
Dubilier
DBCPHC1932AG1-XXX DUBILIER-DBCPHC1932AG1-XXX Datasheet
74Kb / 1P
   PIN HEADERS DUAL BODY SINGLE ROW
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com