Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW1290E Datasheet(PDF) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

Part # SW1290E
Description  Photovaltaic & wind power battery
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNNYWAY [Shenzhen Sunnyway Battery Tech Co.Ltd.]
Direct Link  http://www.sunnyway-battery.com
Logo SUNNYWAY - Shenzhen Sunnyway Battery Tech Co.Ltd.

SW1290E Datasheet(HTML) 1 Page - Shenzhen Sunnyway Battery Tech Co.Ltd.

  SW1290E Datasheet HTML 1Page - Shenzhen Sunnyway Battery Tech Co.Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
R
Nominal Voltage
Rated capacity (20 hour rate)
Total Height
Height
Length
Width
Dimensions
Capacity
affected
by Temperature
(20hour rate)
Terminal
Cycle
Float
Weight Approx
12V
9.0 Ah
100mm (3.94 inches)
94mm (3.70 inches)
151mm (5.94 inches)
65mm (2.56 inches)
2.50Kg (5.53 lbs)
Capacity
25
(77
)
Internal Resistance
Charge
(constant
Voltage)
20 hour rate(0.45 A)
10 hour rate(0.82A)
5 hour rate(1.44 A)
1 hour rate(4.95 A)
9.00 AH
8.20AH
7.20 AH
4.95 AH
Full charged Battery at 25 (77 ) 16 m
40
(104
)
25
(77
)
0
(32
)
-15
(5
)
102%
100%
85%
65%
Capacity after 3 month storage
Capacity after 6 month storage
Capacity after 12 month storage
91%
82%
64%
T1
T2
Initial Charging Current less than2.25A
Voltage 14.40-14.70V
Voltage 13.50-13.80V
SW1290E(12V9.0AH)
Self-Discharge
at 25
(77
)
Specifications
Characteristics
R
SHENZHEN SUNNYWAY BATTERY TECH CO.,LTD.
A
W
A
W
A
W
A
W
A
W
Time
Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25 (77
)
1h
3h
4h
5h
8h
10h
20h
10min
30min
9.60V
10.20V
10.50V
10.80V
11.10V
50h
100h
Discharge Curves 25
(77
)
17A
9.0A
4.5A
1.65A 0.82A
10.2
13.8
11.4
12.0
12.6
13.2
10.8
9.60
9.00
50
20
60
40
20
2
10
8
6
4
10
8
6
4
2
1
0
7.80
8.40
0.095A
200
100
0.45A
Edition Nov. 2009
151
65
Outer dimensions (mm)
Terminal Type (mm)
3.4
7.85
3.2
6.35


Similar Part No. - SW1290E

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW1290 SUNNYWAY-SW1290 Datasheet
402Kb / 1P
   General Battery
SW12900 SUNNYWAY-SW12900 Datasheet
454Kb / 1P
   General Battery
SW12900E SUNNYWAY-SW12900E Datasheet
421Kb / 1P
   Photovaltaic & wind power battery
SW12900E SUNNYWAY-SW12900E_17 Datasheet
522Kb / 1P
   Constant Current(Amp) and Constant Power(Watt) Discharge Table at 25
SW12900II SUNNYWAY-SW12900II Datasheet
453Kb / 1P
   General Battery
More results

Similar Description - SW1290E

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SW12120E SUNNYWAY-SW12120E Datasheet
379Kb / 1P
   Photovaltaic & wind power battery
SW12330E SUNNYWAY-SW12330E Datasheet
419Kb / 1P
   Photovaltaic & wind power battery
SW12700E SUNNYWAY-SW12700E Datasheet
427Kb / 1P
   Photovaltaic & wind power battery
SW23500E SUNNYWAY-SW23500E Datasheet
377Kb / 1P
   Photovaltaic & wind power battery
SW121800E SUNNYWAY-SW121800E Datasheet
502Kb / 1P
   Photovaltaic & wind power battery
SW122300E SUNNYWAY-SW122300E Datasheet
513Kb / 1P
   Photovaltaic & wind power battery
SW215000E SUNNYWAY-SW215000E Datasheet
477Kb / 1P
   Photovaltaic & wind power battery
SW230000E SUNNYWAY-SW230000E Datasheet
538Kb / 1P
   Photovaltaic & wind power battery
SW12220E SUNNYWAY-SW12220E Datasheet
427Kb / 1P
   Photovaltaic & wind power battery
SW12400E SUNNYWAY-SW12400E Datasheet
407Kb / 1P
   Photovaltaic & wind power battery
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com