Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XU1019-QH-0G00 Datasheet(PDF) 7 Page - Mimix Broadband

Part # XU1019-QH-0G00
Description  37.0-40.0 GHz Up-Converter QFN, 4x4mm
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XU1019-QH-0G00 Datasheet(HTML) 7 Page - Mimix Broadband

Back Button XU1019-QH-0G00 Datasheet HTML 2Page - Mimix Broadband XU1019-QH-0G00 Datasheet HTML 3Page - Mimix Broadband XU1019-QH-0G00 Datasheet HTML 4Page - Mimix Broadband XU1019-QH-0G00 Datasheet HTML 5Page - Mimix Broadband XU1019-QH-0G00 Datasheet HTML 6Page - Mimix Broadband XU1019-QH-0G00 Datasheet HTML 7Page - Mimix Broadband XU1019-QH-0G00 Datasheet HTML 8Page - Mimix Broadband XU1019-QH-0G00 Datasheet HTML 9Page - Mimix Broadband XU1019-QH-0G00 Datasheet HTML 10Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
U1019-QH
Page 7 of 10
App Note [5] Extended IF Frequency Range - If using the XU1019-QH using IF frequencies greater than 2 GHz, conversion gain roll-off can be
minimized by placing 1pF capacitors on each of the four IF ports. The capacitors should be placed close to the package, between the bias tees and
the package.
37.0-40.0 GHz Up-Converter
QFN, 4x4mm
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2010 - Rev 27-Jan-10
Typical Application
XB1014-QT
XP1080-QU
TX Filter
(if required)
X2
DET
TX
XU1019-QH
DRIVER
PA + DET
DIPLEXER
IF IN
LO


Similar Part No. - XU1019-QH-0G00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1019-QH MIMIX-XU1019-QH Datasheet
1Mb / 10P
   37.0-40.0 GHz Up-Converter
logo
M/A-COM Technology Solu...
XU1019-QH MA-COM-XU1019-QH Datasheet
1Mb / 10P
   37.0-40.0 GHz Up-ConverterQFN
logo
Mimix Broadband
XU1019-QH_1003 MIMIX-XU1019-QH_1003 Datasheet
1Mb / 10P
   37.0-40.0 GHz Up-Converter
logo
M/A-COM Technology Solu...
XU1019-QH MA-COM-XU1019-QH_15 Datasheet
1Mb / 10P
   Up-Converter
More results

Similar Description - XU1019-QH-0G00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1019-QH_1003 MIMIX-XU1019-QH_1003 Datasheet
1Mb / 10P
   37.0-40.0 GHz Up-Converter
XU1014-QH MIMIX-XU1014-QH Datasheet
850Kb / 1P
   8.0-18.0 GHz Up-Converter QFN, 4x4mm
U1010-QH MIMIX-U1010-QH_10 Datasheet
818Kb / 5P
   17.0-34.0 GHz Up-Converter QFN, 4x4mm
XU1010-QH MIMIX-XU1010-QH Datasheet
847Kb / 1P
   16.0-36.0 GHz Up-Converter QFN, 4x4mm
logo
M/A-COM Technology Solu...
XU1019-QH MA-COM-XU1019-QH Datasheet
1Mb / 10P
   37.0-40.0 GHz Up-ConverterQFN
logo
Mimix Broadband
XB1014-QT MIMIX-XB1014-QT Datasheet
672Kb / 6P
   37.0-40.0 GHz GaAs MMIC Buffer Amplifier, QFN
XP1080-QU MIMIX-XP1080-QU Datasheet
955Kb / 6P
   37.0-40.0 GHz GaAs Power Amplifier QFN, 7x7mm
B1014-QT MIMIX-B1014-QT_11 Datasheet
716Kb / 6P
   37.0-40.0 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XR1008-QB MA-COM-XR1008-QB Datasheet
972Kb / 7P
   37.0-40.0 GHz GaAs Receiver
logo
Mimix Broadband
XP1031-QK MIMIX-XP1031-QK_09 Datasheet
224Kb / 6P
   37.0-40.0 GHz GaAs Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com