Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U1010-QH Datasheet(PDF) 4 Page - Mimix Broadband

Part # U1010-QH
Description  17.0-34.0 GHz Up-Converter QFN, 4x4mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

U1010-QH Datasheet(HTML) 4 Page - Mimix Broadband

  U1010-QH Datasheet HTML 1Page - Mimix Broadband U1010-QH Datasheet HTML 2Page - Mimix Broadband U1010-QH Datasheet HTML 3Page - Mimix Broadband U1010-QH Datasheet HTML 4Page - Mimix Broadband U1010-QH Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4 of 5
U1010-QH
Package Dimensions / Layout
Functional Block Diagram
Pin Designations
Pin Number
1
2
3-4
5
6-8
7
8
9
10
11-12
13
14
15-16
17
18
19
20
21
22
23
24
Pin Name
GND
IF1
NC
IF2
GND
NC
GND
LO
GND
NC
VD1
VD2
GND
VSS
VG1
VG2,3
NC
GND
RF
GND
NC
Pin Function
IF1 Output
Not Connected
IF2 Output
Not Connected
LO Input
Not Connected
LO Buffer Drain
LO Doubler Drain
Doubler/ESD Bias
LO Buffer Gate
LO Doubler/Mixer Gate
Not Connected
RF Input
Not Connected
Nominal Value
4.0V, 130 mA
4.0V, 60 mA
4.0V, 45 mA
-0.2V
-0.8V
17.0-34.0 GHz Up-Converter
QFN, 4x4mm
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2010 - Rev 12-Feb-10
1
2
3
4
16
15
14
13
7
8
9
IF1
GND
0o
180 o
BUF
MIXER
5
6
17
18
NC
NC
GND
IF2
NC
GND
GND
NC
LO
NC
VD1
VD2
GND
GND
VSS
VG1
VG2,3
NC
GND
RF
GND
NC
x2
ESD
ESD


Similar Part No. - U1010-QH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U10 ETC2-U10 Datasheet
206Kb / 2P
   USB Network Interface ??TP/FT-10 Channel
logo
Amphenol Communications...
U10 AMPHENOLCS-U10 Datasheet
349Kb / 3P
   PROVEN, HIGH SPEED, NEXTGENERATION SAS-4 INTERFACE
logo
Intronics Power, Inc.
U10-12D12 INTRONICS-U10-12D12 Datasheet
146Kb / 1P
   DC/DC MODULES
U10-12D15 INTRONICS-U10-12D15 Datasheet
146Kb / 1P
   DC/DC MODULES
U10-12D5 INTRONICS-U10-12D5 Datasheet
146Kb / 1P
   DC/DC MODULES
More results

Similar Description - U1010-QH

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XR1019-QH MIMIX-XR1019-QH Datasheet
958Kb / 8P
   27.0-34.0 GHz GaAs Receiver QFN, 4x4mm
XU1019-QH MIMIX-XU1019-QH Datasheet
1Mb / 10P
   37.0-40.0 GHz Up-Converter QFN, 4x4mm
XU1014-QH MIMIX-XU1014-QH Datasheet
850Kb / 1P
   8.0-18.0 GHz Up-Converter QFN, 4x4mm
XU1010-QH MIMIX-XU1010-QH Datasheet
847Kb / 1P
   16.0-36.0 GHz Up-Converter QFN, 4x4mm
XX1007-QT MIMIX-XX1007-QT Datasheet
338Kb / 6P
   13.5-17.0/27.0-34.0 GHz Doubler QFN, 3X3mm
XX1003-QC MIMIX-XX1003-QC Datasheet
171Kb / 5P
   14.0-17.0/28.0-34.0 GHz Active Doubler QFN, 5x5mm
30DBL0537-QC MIMIX-30DBL0537-QC Datasheet
305Kb / 5P
   14.0-17.0/28.0-34.0 GHz Active Doubler QFN, 5x5mm
XU1010-BD MIMIX-XU1010-BD_09 Datasheet
1Mb / 1P
   17.0-34.0 GHz GaAs MMIC
XX1007-QT MIMIX-XX1007-QT_10 Datasheet
664Kb / 6P
   13.5-17.0/27.0-34.0 GHz Doubler
XX1007-BD MIMIX-XX1007-BD_09 Datasheet
382Kb / 6P
   13.5-17.0/27.0-34.0 GHz GaAs MMIC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com