Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP1058-BD-000V Datasheet(PDF) 4 Page - Mimix Broadband

Part # XP1058-BD-000V
Description  14.5-16.0 GHz GaAs MMIC Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1058-BD-000V Datasheet(HTML) 4 Page - Mimix Broadband

  XP1058-BD-000V Datasheet HTML 1Page - Mimix Broadband XP1058-BD-000V Datasheet HTML 2Page - Mimix Broadband XP1058-BD-000V Datasheet HTML 3Page - Mimix Broadband XP1058-BD-000V Datasheet HTML 4Page - Mimix Broadband XP1058-BD-000V Datasheet HTML 5Page - Mimix Broadband XP1058-BD-000V Datasheet HTML 6Page - Mimix Broadband XP1058-BD-000V Datasheet HTML 7Page - Mimix Broadband XP1058-BD-000V Datasheet HTML 8Page - Mimix Broadband XP1058-BD-000V Datasheet HTML 9Page - Mimix Broadband Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
14.5-16.0 GHz GaAs MMIC
Power Amplifier
Power Amplifier Measurements (Text Fixture1)
Page 4 of 12
P1058-BD
Note [1] Measurements – Test Fixture data includes all bond wire parasitics, uncompensated RF In/Out Mimix T-Pad transitions and RF ceramic
circuit losses. For Gain and Output Power curves RF In/Out circuit losses have been removed.
XP1058-BD, Vd=8.0 V, Vg=-0.8 V
20
21
22
23
24
25
26
27
28
29
30
13.0
13.5
14.0
14.5
15.0
15.5
16.0
16.5
17.0
Frequency (GHz)
XP1058-BD, Vd=Varied, Vg=-0.8 V
22
23
24
25
26
27
28
29
30
31
32
13.0
13.5
14.0
14.5
15.0
15.5
16.0
16.5
17.0
Frequency (GHz)
Vd_5V
Vd_6V
Vd_7V
Vd_8V
Untuned
XP1058-BD, Vd=8.0 V, Vg=-0.8 V
30
31
32
33
34
35
36
37
38
39
40
13.0
13.5
14.0
14.5
15.0
15.5
16.0
16.5
17.0
Frequency (GHz)
XP1058-BD, Vd=8.0 V, Vg=-0.8 V
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
13.0
13.5
14.0
14.5
15.0
15.5
16.0
16.5
17.0
Frequency (GHz)
XP1058-BD, Vd=8.0 V, Vg=-0.8 V
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
13.0
13.5
14.0
14.5
15.0
15.5
16.0
16.5
17.0
Frequency (GHz)
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2010 - Rev 04-Jan-10
XP1058-BD, Vd=8.0 V, Vg=-0.8 V
delta F=10 MHz
37
38
39
40
41
42
43
44
45
46
47
14.0
14.5
15.0
15.5
16.0
16.5
17.0
Frequency (GHz)
18dBm, Pout SCL
20dBm, Pout SCL
22dBm, Pout SCL
24dBm, Pout SCL


Similar Part No. - XP1058-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1050-QJ MIMIX-XP1050-QJ Datasheet
629Kb / 10P
   7.0-9.0 GHz Linear Power Amplifier 6x6mm QFN
XP1050-QJ MIMIX-XP1050-QJ Datasheet
1Mb / 10P
   177.0-9.0 GHz Linear Power Amplifier
logo
M/A-COM Technology Solu...
XP1050-QJ MA-COM-XP1050-QJ Datasheet
191Kb / 7P
   2.5 W Power Amplifier
logo
Mimix Broadband
XP1050-QJ-0G00 MIMIX-XP1050-QJ-0G00 Datasheet
629Kb / 10P
   7.0-9.0 GHz Linear Power Amplifier 6x6mm QFN
logo
M/A-COM Technology Solu...
XP1050-QJ-0G00 MA-COM-XP1050-QJ-0G00 Datasheet
820Kb / 8P
   Lead-Free 6 mm 24-lead QFN Package
More results

Similar Description - XP1058-BD-000V

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1008 MIMIX-XP1008 Datasheet
160Kb / 6P
   11.0-16.0 GHz GaAs MMIC Power Amplifier
XP1057-BD MIMIX-XP1057-BD Datasheet
1Mb / 12P
   13.5-16.0 GHz GaAs MMIC Power Amplifier
logo
M/A-COM Technology Solu...
AM42-0007-DIE MA-COM-AM42-0007-DIE Datasheet
252Kb / 3P
   GaAs MMIC Power Amplifier, 2 W 14.0 - 14.5 GHz
logo
Tyco Electronics
AM42-0041 MACOM-AM42-0041 Datasheet
204Kb / 3P
   GaAs MMIC VSAT Power Amplifier, 0.5W 14.0 - 14.5 GHz
AM42-0007 MACOM-AM42-0007 Datasheet
39Kb / 3P
   GaAs MMIC VSAT Power Amplifier 2.0W 14.0 - 14.5 GHz
logo
Mimix Broadband
XP1070-BD MIMIX-XP1070-BD Datasheet
1Mb / 11P
   14.5-17.0 GHz GaAs MMIC
XB1004-BD MIMIX-XB1004-BD Datasheet
290Kb / 10P
   16.0-30.0 GHz GaAs MMIC Buffer Amplifier
XB1004 MIMIX-XB1004 Datasheet
450Kb / 10P
   16.0-30.0 GHz GaAs MMIC Buffer Amplifier
logo
M/A-COM Technology Solu...
AM42-0041 MA-COM-AM42-0041 Datasheet
143Kb / 4P
   GaAs MMIC VSAT Power Amplifier, 0.5 W 14.0 - 14.5 GHz
AM42-0002 MA-COM-AM42-0002 Datasheet
167Kb / 4P
   GaAs MMIC VSAT Power Amplifier 1.4 W 14.0 - 14.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com