Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP1057-BD-EV1 Datasheet(PDF) 8 Page - Mimix Broadband

Part # XP1057-BD-EV1
Description  13.5-16.0 GHz GaAs MMIC Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1057-BD-EV1 Datasheet(HTML) 8 Page - Mimix Broadband

Back Button XP1057-BD-EV1 Datasheet HTML 4Page - Mimix Broadband XP1057-BD-EV1 Datasheet HTML 5Page - Mimix Broadband XP1057-BD-EV1 Datasheet HTML 6Page - Mimix Broadband XP1057-BD-EV1 Datasheet HTML 7Page - Mimix Broadband XP1057-BD-EV1 Datasheet HTML 8Page - Mimix Broadband XP1057-BD-EV1 Datasheet HTML 9Page - Mimix Broadband XP1057-BD-EV1 Datasheet HTML 10Page - Mimix Broadband XP1057-BD-EV1 Datasheet HTML 11Page - Mimix Broadband XP1057-BD-EV1 Datasheet HTML 12Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
13.5-16.0 GHz GaAs MMIC
Power Amplifier
S-Parameters (On Wafer1)
Page 8 of 12
P1057-BD
Note [1] S-Parameters – On-Wafer S-Parameters have been taken using reduced bias conditions as shown. Measurements are referenced 150 um in
from RF In/Out pad edge.
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
January 2010 - Rev 04-Jan-10
Typcial S-Parameter Data for XP1057-BD
Vd=4.0 V, Id=1749 mA
Frequency
S11
S11
S21
S21
S12
S12
S22
S22
(GHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
5 0
0 992
40 27
0 0008
124 14
0 0001
73 89
0 985
60 95
5.0
0.992
-40.27
0.0008
124.14
0.0001
73.89
0.985
-60.95
6.0
0.988
-50.49
0.0010
66.91
0.0002
33.69
0.978
-74.17
7.0
0.976
-60.41
0.0007
131.92
0.0000
-56.31
0.971
-85.85
8.0
0.944
-73.40
0.0106
87.77
0.0004
-45.78
0.960
-100.14
9.0
0.894
-87.81
0.0482
6.92
0.0003
-28.82
0.944
-115.59
10.0
0.843
-102.23
0.1435
-67.68
0.0004
-39.97
0.924
-130.56
11.0
0.773
-123.83
0.5190
-161.88
0.0006
-131.21
0.882
-151.88
12.0
0.686
-156.25
2.1836
82.30
0.0010
159.82
0.756
177.08
13.0
0.541
144.91
6.8904
-84.39
0.0012
82.87
0.361
145.65
14.0
0.348
70.54
8.1647
128.89
0.0009
-34.08
0.125
148.78
15.0
0.192
-13.07
7.5603
-25.56
0.0014
108.93
0.246
-149.30
16.0
0.087
-93.59
6.8651
175.08
0.0014
11.03
0.253
140.75
17.0
0.239
138.27
3.8400
25.35
0.0012
-147.41
0.173
-48.93
18.0
0.546
76.07
1.4023
-127.09
0.0003
-71.14
0.452
-131.12
19.0
0.745
40.63
0.4331
67.28
0.0011
-71.77
0.672
166.76
20 0
0 837
19 86
0 0737
63 45
0 0007
66 43
0 742
104 73
20.0
0.837
19.86
0.0737
-63.45
0.0007
-66.43
0.742
104.73
21.0
0.902
2.29
0.0072
-174.91
0.0012
115.62
0.799
37.61
22.0
0.937
-11.51
0.0005
-20.05
0.0003
-174.48
0.849
-13.71
23.0
0.949
-20.97
0.0010
-133.34
0.0006
3.68
0.877
-44.53
24.0
0.958
-30.12
0.0004
-160.56
0.0011
-29.40
0.900
-70.50
25.0
0.960
-37.83
0.0011
-106.26
0.0008
-66.96
0.910
-89.86


Similar Part No. - XP1057-BD-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1050-QJ MIMIX-XP1050-QJ Datasheet
629Kb / 10P
   7.0-9.0 GHz Linear Power Amplifier 6x6mm QFN
XP1050-QJ MIMIX-XP1050-QJ Datasheet
1Mb / 10P
   177.0-9.0 GHz Linear Power Amplifier
logo
M/A-COM Technology Solu...
XP1050-QJ MA-COM-XP1050-QJ Datasheet
191Kb / 7P
   2.5 W Power Amplifier
logo
Mimix Broadband
XP1050-QJ-0G00 MIMIX-XP1050-QJ-0G00 Datasheet
629Kb / 10P
   7.0-9.0 GHz Linear Power Amplifier 6x6mm QFN
logo
M/A-COM Technology Solu...
XP1050-QJ-0G00 MA-COM-XP1050-QJ-0G00 Datasheet
820Kb / 8P
   Lead-Free 6 mm 24-lead QFN Package
More results

Similar Description - XP1057-BD-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1008 MIMIX-XP1008 Datasheet
160Kb / 6P
   11.0-16.0 GHz GaAs MMIC Power Amplifier
XP1058-BD MIMIX-XP1058-BD Datasheet
1Mb / 12P
   14.5-16.0 GHz GaAs MMIC Power Amplifier
logo
Hittite Microwave Corpo...
HMC441LP3 HITTITE-HMC441LP3_09 Datasheet
226Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6.5 - 13.5 GHz
HMC441LP3 HITTITE-HMC441LP3 Datasheet
255Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6.5 - 13.5 GHz
logo
Mimix Broadband
XB1004-BD MIMIX-XB1004-BD Datasheet
290Kb / 10P
   16.0-30.0 GHz GaAs MMIC Buffer Amplifier
XB1004 MIMIX-XB1004 Datasheet
450Kb / 10P
   16.0-30.0 GHz GaAs MMIC Buffer Amplifier
logo
M/A-COM Technology Solu...
XP1042-BD MA-COM-XP1042-BD Datasheet
345Kb / 1P
   12.0-16.0 GHz GaAs MMIC
logo
Hittite Microwave Corpo...
HMC564 HITTITE-HMC564_09 Datasheet
235Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 13.5 GHz
logo
Mimix Broadband
XP1042-BD MIMIX-XP1042-BD Datasheet
393Kb / 1P
   12.0-16.0 GHz GaAs MMIC
logo
Hittite Microwave Corpo...
HMC564 HITTITE-HMC564 Datasheet
296Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 13.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com