Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XP1035-QH-0G0T Datasheet(PDF) 6 Page - Mimix Broadband

Part # XP1035-QH-0G0T
Description  5.9-9.5 GHz Linear Power Amplifier QFN, 4x4mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XP1035-QH-0G0T Datasheet(HTML) 6 Page - Mimix Broadband

  XP1035-QH-0G0T Datasheet HTML 1Page - Mimix Broadband XP1035-QH-0G0T Datasheet HTML 2Page - Mimix Broadband XP1035-QH-0G0T Datasheet HTML 3Page - Mimix Broadband XP1035-QH-0G0T Datasheet HTML 4Page - Mimix Broadband XP1035-QH-0G0T Datasheet HTML 5Page - Mimix Broadband XP1035-QH-0G0T Datasheet HTML 6Page - Mimix Broadband XP1035-QH-0G0T Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Page 6 of 7
Mimix Broadband, Inc., 10795 Rockley Rd., Houston,Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice. ©2010 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2010 - Rev 17-Feb-10
Recommended Layout
Recommended Decoupling Capacitors: 100pF 0402, 10µF 0805
P1035-QH
5.9-9.5 GHz Linear Power Amplifier
QFN, 4x4mm


Similar Part No. - XP1035-QH-0G0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1035-QH-0G0T MIMIX-XP1035-QH-0G0T Datasheet
855Kb / 6P
   5.9-9.5 GHz Linear Power Amplifier QFN, 4x4mm
logo
M/A-COM Technology Solu...
XP1035-QH-0G0T MA-COM-XP1035-QH-0G0T Datasheet
882Kb / 8P
   Power Amplifier
More results

Similar Description - XP1035-QH-0G0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XP1035-QH MIMIX-XP1035-QH Datasheet
855Kb / 6P
   5.9-9.5 GHz Linear Power Amplifier QFN, 4x4mm
XP1035-BD MIMIX-XP1035-BD Datasheet
1Mb / 1P
   5.9-9.5 GHz GaAs MMIC Linear Power Amplifier
logo
M/A-COM Technology Solu...
XP1035-QH MA-COM-XP1035-QH Datasheet
860Kb / 7P
   105.9-9.5 GHz Linear Power AmplifierQFN, 4x4mm
logo
Mimix Broadband
XP1043-QH MIMIX-XP1043-QH Datasheet
366Kb / 5P
   12.0-16.0 GHz Power Amplifier QFN, 4x4mm
XP1035-BD MIMIX-XP1035-BD_08 Datasheet
1Mb / 1P
   5.9-9.5 GHz GaAs MMIC
logo
M/A-COM Technology Solu...
XP1035-BD MA-COM-XP1035-BD Datasheet
1Mb / 1P
   5.9-9.5 GHz GaAs MMIC
logo
Tyco Electronics
MAAP-007899 MACOM-MAAP-007899 Datasheet
120Kb / 4P
   High Power Linear Amplifier 5.7 - 5.9 GHz
logo
Mimix Broadband
XU1019-QH MIMIX-XU1019-QH Datasheet
1Mb / 10P
   37.0-40.0 GHz Up-Converter QFN, 4x4mm
logo
Fairchild Semiconductor
RMPA5255 FAIRCHILD-RMPA5255 Datasheet
788Kb / 7P
   4.9-5.9 GHz WLAN Linear Power Amplifier Module
logo
Mimix Broadband
XR1011-QH MIMIX-XR1011-QH Datasheet
433Kb / 7P
   4.5-10.5 GHz GaAs Receiver QFN, 4x4mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com