Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PB-CGB8002-SC-00D0 Datasheet(PDF) 10 Page - Mimix Broadband

Part # PB-CGB8002-SC-00D0
Description  DC-2.8 GHz InGaP HBT 3.3V, Matched Gain Block Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

PB-CGB8002-SC-00D0 Datasheet(HTML) 10 Page - Mimix Broadband

Back Button PB-CGB8002-SC-00D0 Datasheet HTML 4Page - Mimix Broadband PB-CGB8002-SC-00D0 Datasheet HTML 5Page - Mimix Broadband PB-CGB8002-SC-00D0 Datasheet HTML 6Page - Mimix Broadband PB-CGB8002-SC-00D0 Datasheet HTML 7Page - Mimix Broadband PB-CGB8002-SC-00D0 Datasheet HTML 8Page - Mimix Broadband PB-CGB8002-SC-00D0 Datasheet HTML 9Page - Mimix Broadband PB-CGB8002-SC-00D0 Datasheet HTML 10Page - Mimix Broadband PB-CGB8002-SC-00D0 Datasheet HTML 11Page - Mimix Broadband PB-CGB8002-SC-00D0 Datasheet HTML 12Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Page 10 of 12
Typical Performance: 460 MHz
CGB8002-SC
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2008 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
DC-2.8 GHz InGaP HBT
3.3V, Matched Gain Block Amplifier
April 2008 - Rev 28-Apr-08
App CKT @ 460 MHz
Vcc = 3.3 V Iq = 125 mA
-20
-15
-10
-5
0
5
10
15
20
25
0.4
0.41
0.42
0.43
0.44
0.45
0.46
0.47
0.48
0.49
0.5
Frequency (Hz)
S11 Mag
S21 Mag
S22 Mag
Frequency Vcc
Iq
SSG
Noise
Figure P1dB
PAE @
P1dB
P3dB
PAE @
P3dB
(V) (mA) (dB)
(dB)
6.5
(dBm)
(%)
(dBm)
(%)
460
3.3 125.0 20.0
23.1
40.0
24.5
52.0
Typical Performance: 700 MHz~1500 MHz
App CKT 700 ~ 1500MHz
Vcc= 3.3 V Iq = 120 mA
-20
-15
-10
-5
0
5
10
15
20
25
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
Frequency (Hz)
S11
S21
S22
Freq
SSG
P1dB
Icc
@ P1dB
OIP3
@ 8 dBm/Tone
Nf
(MHz)
(dB)
(dBm)
(mA)
(dBm)
(dB)
800
19.9
21.5
129
34.3
4.7
900
20.2
21.6
130
34.3
4.4
1100
20.4
21.2
131
33.6
3.8
1300
20.3
20.8
132
33.5
4.1
1500
18.9
22.9
145
33.8
5.6


Similar Part No. - PB-CGB8002-SC-00D0

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
PB-CGB8001-SC-00A0 MIMIX-PB-CGB8001-SC-00A0 Datasheet
230Kb / 8P
   DC-2.7 GHz InGaP HBT Matched Gain Block Amplifier
PB-CGB8001-SC-00A0 MIMIX-PB-CGB8001-SC-00A0 Datasheet
247Kb / 9P
   DC-2.8 GHz InGaP HBT 0.5W Medium Power Amplifier
PB-CGB8001-SC-00B0 MIMIX-PB-CGB8001-SC-00B0 Datasheet
230Kb / 8P
   DC-2.7 GHz InGaP HBT Matched Gain Block Amplifier
PB-CGB8001-SC-00B0 MIMIX-PB-CGB8001-SC-00B0 Datasheet
247Kb / 9P
   DC-2.8 GHz InGaP HBT 0.5W Medium Power Amplifier
PB-CGB8001-SC-00C0 MIMIX-PB-CGB8001-SC-00C0 Datasheet
230Kb / 8P
   DC-2.7 GHz InGaP HBT Matched Gain Block Amplifier
More results

Similar Description - PB-CGB8002-SC-00D0

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7289-BD MIMIX-CGB7289-BD Datasheet
301Kb / 18P
   DC-2.5 GHz InGaP HBT Matched Gain Block Amplifier
CGB7289-SC_0609 MIMIX-CGB7289-SC_0609 Datasheet
346Kb / 20P
   DC-2.5 GHz InGaP HBT Matched Gain Block Amplifier
CGB7289-SC MIMIX-CGB7289-SC Datasheet
341Kb / 19P
   DC-2.5 GHz InGaP HBT Matched Gain Block Amplifier
CGB8001-SC MIMIX-CGB8001-SC Datasheet
230Kb / 8P
   DC-2.7 GHz InGaP HBT Matched Gain Block Amplifier
CGB7008-SC MIMIX-CGB7008-SC_07 Datasheet
521Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7014-SC MIMIX-CGB7014-SC_07 Datasheet
372Kb / 8P
   DC-8.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
CGB7001-BD MIMIX-CGB7001-BD_07 Datasheet
604Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7007-BD MIMIX-CGB7007-BD Datasheet
435Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7012-BD MIMIX-CGB7012-BD Datasheet
492Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7001-SC MIMIX-CGB7001-SC_07 Datasheet
737Kb / 8P
   DC-6.0 GHz InGaP HBT Packaged Matched Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com