Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TREK-775R-A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # TREK-775R-A1E
Description  10.4 Vehicle Mounted Computer with Pentium짰 LV M/ ULV Celeron짰 M Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

TREK-775R-A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  TREK-775R-A1E Datasheet HTML 1Page - Advantech Co., Ltd. TREK-775R-A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
Fully Integrated I/O
A: DC Power Inlet
B: COM4 (RS-232/422/485)
C: COM2 (RS-232)
D: PS/2 Keyboard and Mouse Port
E: 2 x USB 2.0
F: PCMCIA Type II x 2 / Type III x 1
G: Power Switch
H: COM3
(RS-232/422/485)
I: COM1 (RS-232)
J: 10/100 Mbps Ethernet
TREK-775
Ordering Information
Part Number
Description
TREK-775R-A0E
TREK-775 with ULV C-M 600 Hz CPU, T/S, HDD holder
TREK-775R-CEA0E
TREK-775 with ULV C-M 600 Hz CPU, T/S, 128 MB DDR,
128 MB CF, WinCE5.0
TREK-775R-XPEA0E
TREK-775R-A0E with 512 MB DDR, 40G HDD, XPE
TREK-775R-A1E
TREK-775 with LV -M 1.1 GHz CPU, T/S, HDD holder
E
C
D
G
F
J
B
A
H
I
310
80
1.5
Accessories
Part Number
Description
TREK-UNIARM-01
Universal arm
I/O-CV-01
IP53 I/O cover
I/O-CV-02
IP54 I/O housing
RAM-MOUNT-03
VESA RAM mount w/3.68" DIA., 2.25" ball
RAM-MOUNT-05E
VESA RAM mount w/clamp base, 2.25" ball
WLAN-325HJE
11 Mbps IEEE 802.11b compliant PCMCIA WLAN Card
for Japan *
WLAN-325HAE
11 Mbps IEEE 802.11b compliant PCMCIA WLAN Card
for USA *
WLAN-325HUE
11 Mbps IEEE 802.11b compliant PCMCIA WLAN Card
for Europe *
1757000997
ADAPTER AC 100-240V 90 W (19v) W/PFC
*Detachable Antenna, RoHS compliant
Power Code Options
Part Number
Description
1700001524
3-pin 180 cm, USA
170203183C
3-pin 180 cm, Europe
170203180A
3-pin 180 cm, UK
Optional Items
Part Number
Description
9668TREK00E
Quad band GSM/GPRS module & GPS receiver module
9668TREK01E
GPS receiver module (COM3)
9668TREK02E
Quad band GSM/GPRS module (COM4)
9668TREK03E
CF card slot kit
9668TREK08E
IEEE 802.11b/g MiniPCI WLAN module
Please order optional items via CTOS service or contact our sales


Similar Part No. - TREK-775R-A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TREK-773 ADVANTECH-TREK-773 Datasheet
732Kb / 2P
   7" All-in-One Ultra Rugged Mobile Data Terminal
14-Apr-2021
TREK-773R-00A0E ADVANTECH-TREK-773R-00A0E Datasheet
595Kb / 2P
   7" All-in-One Mobile Data Terminal
TREK-773R-00A1E ADVANTECH-TREK-773R-00A1E Datasheet
732Kb / 2P
   7" All-in-One Ultra Rugged Mobile Data Terminal
14-Apr-2021
TREK-773R-LWB8A0E ADVANTECH-TREK-773R-LWB8A0E Datasheet
595Kb / 2P
   7" All-in-One Mobile Data Terminal
TREK-773R-LWB8B0E ADVANTECH-TREK-773R-LWB8B0E Datasheet
595Kb / 2P
   7" All-in-One Mobile Data Terminal
More results

Similar Description - TREK-775R-A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TREK-776 ADVANTECH-TREK-776 Datasheet
448Kb / 2P
   12.1 Vehicle Mounted Computer with Pentium짰 LV M/ ULV Celeron짰 M Processor
logo
BOSER Technology Co., L...
HS-7250 BOSER-HS-7250_1 Datasheet
2Mb / 54P
   Intel짰 Pentium짰 M/Celeron짰M/ ULV Intel짰 Celeron짰 M processor PCI-ISA/ISA Bus Single Board Computer
logo
List of Unclassifed Man...
TPC-1270H ETC2-TPC-1270H Datasheet
393Kb / 2P
   Intel짰 Pentium짰 M/Celeron짰 M Touch Panel Computer with 12.1
logo
Advantech Co., Ltd.
PPC-103T ADVANTECH-PPC-103T Datasheet
360Kb / 2P
   10.4 Panel PC with Intel짰 Pentium짰 III/ Celeron짰 Processor
PPC-175T ADVANTECH-PPC-175T Datasheet
356Kb / 2P
   17 Panel PC with Intel짰 Pentium짰/Celeron짰 M Processor
TPC-1570H ADVANTECH-TPC-1570H Datasheet
816Kb / 2P
   15 XGA TFT LCD Pentium짰 M/ Celeron짰 M Touch Panel Computer
logo
AAEON Technology
COM-915A AAEON-COM-915A Datasheet
374Kb / 1P
   Intel짰 Pentium짰 M/ Celeron짰 M Processors
logo
BOSER Technology Co., L...
HS-7239 BOSER-HS-7239 Datasheet
5Mb / 84P
   Pentium짰 M/ Celeron짰 M PCI-ISA Bus Industrial Single Board Computer
logo
Advantech Co., Ltd.
TPC-870H ADVANTECH-TPC-870H Datasheet
849Kb / 2P
   10.4 SVGA TFT LCD Celeron짰 M Touch Panel Computer
TPC-1270H ADVANTECH-TPC-1270H Datasheet
764Kb / 2P
   12.1 SVGA TFT LCD Pentium짰 M/ Celeron짰 M Touch Panel Computer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com