Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

989KP15503E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # 989KP15503E
Description  17 Panel PC with Intel짰 Pentium짰/Celeron짰 M Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

989KP15503E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  989KP15503E Datasheet HTML 1Page - Advantech Co., Ltd. 989KP15503E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Panel PCs
All product specifications are subject to change without notice
Last updated : 24-Mar-2009
Dimensions
Unit: mm (inch)
A. Line-in / Line-out / Mic-in
B. IEEE 1394 x 2
C. USB 2.0 x 4
D. VGA port
E. PS/2 mouse & keyboard
Feature Details
Protection
To meet the requirements of a public environment, the front panel PPC-175T complies
with the IP65/NEMA 4 protection standard. Furthermore, the watchdog timer and power
management features make the system secure and stable. The onboard hardware
monitoring feature provides an automatic protection function, which prevents the CPU
from becoming overheated.
Expansion
To extend functionality, the PPC-175T is designed with one expansion slot for PCI cards,
four USB 2.0 (Univeral Serial Bus) ports, and one PCMCIA card bus (Type II x 1). With
these expansion capabilities, the PPC-175T not only functions as an HMI, but also as a
computing center on which to build your applications.
Easy Maintenance
Maintaining and replacing the LCD and touchscreen are made easier through the PPC-175T
modular design. In order to replace a defective LCD or touchscreen, one merely needs to
remove the front cover and LCD bracket instead of disassembling the whole system.
Touchscreen Options
Customers can choose from five optional types of standardized touchscreens: resistive,
capacitive, infrared, SAW (Surface Acoustic Wave), and projected capacitive. Flexible
options for the PPC-175T offer a more user-friendly interface for diverse environments.
PPC-175T
Ordering Information
Part No.
Description
PPC-FP-A01E
USB Fingerprint Accessory Kit
PPC-ARM-A03
VESA Standard ARM for PPC series
PPC-155 STAND
Stand kit for PPC-154/155/174/175T Series
PPC-174 WL-MT
Wall mount kit for PPC-154/155/175T Series
PPC-175T-BARE-VE
PPC-175T Bare BOM with infrared touchscreen
PPC-175T-BARE-TE
PPC-175T Bare BOM with resistive touchscreen
PPC-175T-BARE-SE
PPC-175T Bare BOM with SAW touchscreen
PPC-175T-BARE-PE
PPC-175T Bare BOM with projected capacitive
touchscreen
PPC-175T-BAREE
Panel PC with 17" color TFT LCD display
(resolution 1280 x 1024)
PPC-175T-BARE-CE
PPC-175T Bare BOM with capacitive touchscreen
1702002605
POWER CABLE 90D 220V EUROPEAN 250V/6A
1.8M
1702002600
POWER Cable UL/CSA (USA) 180D 125V10A 1.83M
9898007100E
2.5" PATA to SATA HDD Converter Board
989KP15505E
Optical Disc Drive Bracket for PPC-155/175
(Bracket only, W/O ODD)
989KP15504E
Mini-PCI [Realtek] 802.1b/g Wireless Module for
PPC-155/175
989KP15503E
Mini-PCI [VIA] 802.1b/g Wireless Module for
PPC-155/175
989KP15502E
DVD-RW Module of PPC-155/175
989KP15501E
Combo Module of PPC-155/175
989KP15500E
CD-ROM Module of PPC-155/175
Fully Integrated I/O
A
B
C
D
E
F
G
H
I
J
F. PCI slot x 1
G. 10/100 Base-T Ethernet x 2
H. RS-232 x 2, RS-232/422/485 x 1
I. Power switch
J. AC Inlet
CUT-OUT Dim.
425.14
442
427
12
99.5


Similar Part No. - 989KP15503E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
989K008732 ADVANTECH-989K008732 Datasheet
2Mb / 3P
   plate for ARK-6000 series
989K008732 ADVANTECH-989K008732 Datasheet
1Mb / 3P
   Accessories
989K008733 ADVANTECH-989K008733 Datasheet
1Mb / 3P
   Accessories
989K008733 ADVANTECH-989K008733 Datasheet
636Kb / 1P
   Shockproof industrial hard disk drive tray with cooling fan and optional front USB and PS/2 interfaces
13-Sep-2017
989K008734 ADVANTECH-989K008734 Datasheet
992Kb / 2P
   Short depth 4U Front Access Chassis for EE-ATX/EATX/ATX Server board with 11 FH/FL expansion slots
4-Oct-2022
More results

Similar Description - 989KP15503E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PPC-S155T ADVANTECH-PPC-S155T Datasheet
409Kb / 2P
   15 UltraSlim??Panel PC with Intel짰 Pentium짰/Celeron짰 M Processor
PPC-174T ADVANTECH-PPC-174T Datasheet
397Kb / 2P
   17 Panel PC with Intel짰 Pentium짰 4 Processor
PPC-103T ADVANTECH-PPC-103T Datasheet
360Kb / 2P
   10.4 Panel PC with Intel짰 Pentium짰 III/ Celeron짰 Processor
PPC-S154T ADVANTECH-PPC-S154T Datasheet
462Kb / 2P
   15 UltraSlim??Panel PC with Intel짰 Pentium짰 4/Pentium짰 M Processor
PPC-6170-Ri5AE ADVANTECH-PPC-6170-Ri5AE Datasheet
490Kb / 2P
   17" Panel PC with Intel짰 Core??i3 / i5 / Celeron짰 Processor
PPC-L127T ADVANTECH-PPC-L127T Datasheet
364Kb / 2P
   12.1 Fanless Panel PC with Intel짰 Celeron짰 M Processor
logo
Axiomtek Co., Ltd.
CEM313 AXIOMTEK-CEM313 Datasheet
269Kb / 1P
   Intel짰 Pentium짰 processor N4200 & Celeron짰 processor
logo
Advantech Co., Ltd.
PPC-154T ADVANTECH-PPC-154T Datasheet
330Kb / 2P
   15 Panel PC Panel PC with Intel짰 Pentium짰 4 Processor
PPC-154T-EPCE ADVANTECH-PPC-154T-EPCE Datasheet
333Kb / 2P
   15 Panel PC Panel PC with Intel짰 Pentium짰 4 Processor
logo
List of Unclassifed Man...
TPC-1270H ETC2-TPC-1270H Datasheet
393Kb / 2P
   Intel짰 Pentium짰 M/Celeron짰 M Touch Panel Computer with 12.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com